Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 12Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 13Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 14Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 15Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 16Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 13/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
7. SIE Bus Timing
7.1 SIE Bus Output Timing
Timing diagram of USB data output to SIE bus is shown in Figure 7-1. SIE bus direction
is output in default. The LSI asserts RXACT to notice output of data to the external SIE
logic. Valid data is indicated by RXVLD assertion. Odd byte of received USB data is
driven to the lower byte of SIE bus. If SIE output data is in odd byte length, the LSI
negates WDVLD at the final data valid phase to indicate that the last one is byte data.
Figure 7-1 SIE Bus Output Timing
CKOUT (O)
TXACT (I)
TXRDY (O)
SIE_DAT[7:0] (IO)
WDVLD (IO)
SIE_DAT[15:8] (IO)
RXACT (O)
RXVLD (O)
B1
B2
B3
B4
B5
7.2 SIE Bus Input Timing
Figure 7-2 shows the receive timing diagram of the LSI from SIE bus. External
SIE circuit asserts TXACT to notice the LSI to get data on SIE bus. When TXRDY is
asserted, valid data is latched by the LSI. If data from SIE is odd byte length, SIE
negates WDVLD at the final data stage like the case in SIE bus output timing.
Please note that in Figure 7-2, a case of even byte length data is depicted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com