Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KL5KUSB201 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # KL5KUSB201
Description  USB2.0 Compliant Transceiver Chip
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KL5KUSB201 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button KL5KUSB201 Datasheet HTML 4Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 5Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 6Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 7Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 8Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 9Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 10Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 11Page - List of Unclassifed Manufacturers KL5KUSB201 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Kawasaki USB device
KL5KUSB201
Datasheet (digest) rev 1.1E page 8/21
Copyright © 2002 Kawasaki Microelectronics Inc. Kawasaki LSI Inc. All rights reserved.
3. Application Example
Example of system configuration using KL5KUSB201 is shown in figure 3. To realize
the USB device application, other than the LSI, SIE PHY control and function logic are
needed.
Also suitable resistors such as Rpu, Rs and Rext and 48MHz clock oscillator or crystal
and related parts are required.
Figure 3
Application Example
USB201
UDP
Rpu
Endpoint
Buffer
USB201
Controller
UDM
Rs
osc
48MHz
Function
Function
Function
Function
Logic
Logic
Logic
Logic
HS_SIE
Rs
Rext
4. Pinout Diagram
Symbol block of KL5KUSB201 is shown in Figure 4. The LSI has two interfaces –
USB bus and SIE bus. USB related bus signals are shown in the left side of the
symbol block, while SIE bus signal is in the right side. SIE control signals select LSI
operation mode. These signals are FS_HSN, PU_SE0N, MODE, CRCACT, SUSPN
and RSTN. USB bus status signals are BSTAT. CRCERR and RXERR are receiving
error indicators. SIE_DAT is bi-directional bus. Signal direction and valid timing are
controlled by RXACT, RXVLD, TXACT, TXRDY and WDVLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com