Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114TT Datasheet (PDF) - NXP Semiconductors

PDTA114TT Datasheet PDF - NXP Semiconductors
Part # PDTA114TT
Download  PDTA114TT Download
File Size   91.53 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open

PDTA114TT Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTA114TT Datasheet PDF - NXP Semiconductors

Part # PDTA114TT
Download  PDTA114TT Click to download

File Size   91.53 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open

PDTA114TT Datasheet (HTML) - NXP Semiconductors


PDTA114TT Product details

DESCRIPTION
PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details).

FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.

APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.




Similar Part No. - PDTA114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA114TT PHILIPS-PDTA114TT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTA114TT NXP-PDTA114TT Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PDTA114TT NXP-PDTA114TT Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTA114TT NEXPERIA-PDTA114TT Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results


Similar Description - PDTA114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PUMB14 PHILIPS-PUMB14 Datasheet
58Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Rev. 01-17 February 2005
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com