Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA114TT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PDTA114TT
Description  PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114TT Datasheet(HTML) 1 Page - NXP Semiconductors

  PDTA114TT Datasheet HTML 1Page - NXP Semiconductors PDTA114TT Datasheet HTML 2Page - NXP Semiconductors PDTA114TT Datasheet HTML 3Page - NXP Semiconductors PDTA114TT Datasheet HTML 4Page - NXP Semiconductors PDTA114TT Datasheet HTML 5Page - NXP Semiconductors PDTA114TT Datasheet HTML 6Page - NXP Semiconductors PDTA114TT Datasheet HTML 7Page - NXP Semiconductors PDTA114TT Datasheet HTML 8Page - NXP Semiconductors PDTA114TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2003 Sep 09
2004 Aug 02
DISCRETE SEMICONDUCTORS
PDTA114T series
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = open


Similar Part No. - PDTA114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA114TT PHILIPS-PDTA114TT Datasheet
46Kb / 8P
PNP resistor-equipped transistor
1999 Apr 13
PDTA114TT PHILIPS-PDTA114TT Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PDTA114TT NXP-PDTA114TT Datasheet
88Kb / 11P
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007
PDTA114TT NXP-PDTA114TT Datasheet
88Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006
logo
Nexperia B.V. All right...
PDTA114TT NEXPERIA-PDTA114TT Datasheet
586Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results

Similar Description - PDTA114TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMB4 PHILIPS-PEMB4 Datasheet
44Kb / 8P
PNP resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PEMD3 PHILIPS-PEMD3 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Nov 07
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH11 PHILIPS-PEMH11 Datasheet
55Kb / 8P
NPN resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Oct 22
PDTA114Y PHILIPS-PDTA114Y Datasheet
92Kb / 14P
PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = 47 kOHM
2004 Aug 02
PDTC143T PHILIPS-PDTC143T Datasheet
92Kb / 14P
NPN resistor-equipped transistors; R1 = 4.7 kOHM, R2 = open
2004 Aug 06
PUMB14 PHILIPS-PUMB14 Datasheet
58Kb / 10P
PNP/PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open
Rev. 01-17 February 2005
PDTA143T PHILIPS-PDTA143T Datasheet
89Kb / 14P
PNP resistor-equipped transistors: R1 = 4.7 KOHM, R2 = open
2004 Aug 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com