Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD2B Datasheet (PDF) - Omron Electronics LLC

XD2B Datasheet PDF - Omron Electronics LLC
Part # XD2B
Download  XD2B Download
File Size   1058.23 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth

XD2B Datasheet (PDF)

Go To PDF Page Download Datasheet
XD2B Datasheet PDF - Omron Electronics LLC

Part # XD2B
Download  XD2B Click to download

File Size   1058.23 Kbytes
Page   4 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth

XD2B Datasheet (HTML) - Omron Electronics LLC




Similar Part No. - XD2B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XD2CC1000 SCHNEIDER-XD2CC1000 Datasheet
82Kb / 2P
complete joystick controller - 횠30 - 1 direction - 1 C/O per direction
Sep 29, 2021
XD2CD1111 SCHNEIDER-XD2CD1111 Datasheet
184Kb / 1P
complete joystick controller - Ø30 - 4 directions - 1 C/O per direction
More results


Similar Description - XD2B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH Datasheet
30Kb / 1P
2.6 mm Series
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
logo
Kingbright Corporation
SA52-11 KINGBRIGHT-SA52-11 Datasheet
149Kb / 5P
13.2 MM SIGNLE DIGIT NUMERIC DISPLAYS
logo
Panasonic Semiconductor
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
Panasonic Semiconductor
EVP-AFFG65 PANASONIC-EVP-AFFG65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
Schneider Electric
HMIS5T SCHNEIDER-HMIS5T Datasheet
91Kb / 1P
STU Rear Module - dark grey - width 118 mm - depth 40.1 mm
Aug 19, 2020
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com