Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD2B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XD2B
Description  Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XD2B Datasheet(HTML) 1 Page - Omron Electronics LLC

  XD2B Datasheet HTML 1Page - Omron Electronics LLC XD2B Datasheet HTML 2Page - Omron Electronics LLC XD2B Datasheet HTML 3Page - Omron Electronics LLC XD2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
New Product
Miniature Battery Connectors
XD2B
Miniature Battery Connectors
with 13.2 mm Width and
2.6 mm Depth
• Greatly reduced board footprint with a
depth of 2.6 mm.
• Use for mid mount board, height on PCB
1.4 mm.
• Three models available for different battery
connection applications.
Model Number Legend
Ratings and Characteristics
*1. The rated current assumes that the end pins (
) are used as the
power lines.
*2. The contact resistance of pins marked
is 35 m
Ω. The contact
resistance of the other pins is 70 m
Ω.
Materials and Finish
XD2B
(1)
(3)
(2)
(4)
(1) Number of Pads
Code
Number of Pads
04
4
05
5
(3) Pad Pitch
Code
Pitch
20
2.0 mm
23
2.3 mm
26
2.65 mm
(4) Plating
Code
Plating
AAu
(2) Number of contact pins
Code
Pins
06
6 Pins
07
7 Pins
08
8 Pins
Rated current *1
XD2B-0406-26A
2A
XD2B-0507-20A
XD2B-0408-23A
3A
Rated voltage
5 VDC
Contact resistance *2
1 Pin : 70 m
Ω max.
2 Pins : 35 m
Ω max.
3 Pins : 35 m
Ω max.
Operation durability
5000 times min.
Operating temperature
−30 to 85°C (with no condensation or icing)
Housing
LCP resin (UL94 V-0) / black
Contacts
Nickel alloy / nickel base, gold plated
Hold-down
Brass / nickel base, gold plated


Similar Part No. - XD2B

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XD2CC1000 SCHNEIDER-XD2CC1000 Datasheet
82Kb / 2P
complete joystick controller - 횠30 - 1 direction - 1 C/O per direction
Sep 29, 2021
XD2CD1111 SCHNEIDER-XD2CD1111 Datasheet
184Kb / 1P
complete joystick controller - Ø30 - 4 directions - 1 C/O per direction
More results

Similar Description - XD2B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN221RPH PANASONIC-LN221RPH Datasheet
30Kb / 1P
2.6 mm Series
LN221RPX PANASONIC-LN221RPX Datasheet
30Kb / 1P
2.6 mm Series
logo
Kingbright Corporation
SA52-11 KINGBRIGHT-SA52-11 Datasheet
149Kb / 5P
13.2 MM SIGNLE DIGIT NUMERIC DISPLAYS
logo
Panasonic Semiconductor
EVPAF PANASONIC-EVPAF Datasheet
83Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
Panasonic Semiconductor
EVP-AFFG65 PANASONIC-EVP-AFFG65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
EVP-AFFB65 PANASONIC-EVP-AFFB65 Datasheet
108Kb / 3P
3.0 mm2.6 mm SMD Light Touch Switches
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
Schneider Electric
HMIS5T SCHNEIDER-HMIS5T Datasheet
91Kb / 1P
STU Rear Module - dark grey - width 118 mm - depth 40.1 mm
Aug 19, 2020
logo
Panasonic Semiconductor
EVPBB0AAE000 PANASONIC-EVPBB0AAE000 Datasheet
294Kb / 8P
Tactile Switches 2.6 mm x 1.6 mm SMD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com