Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD2B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XD2B
Description  Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XD2B Datasheet(HTML) 3 Page - Omron Electronics LLC

  XD2B Datasheet HTML 1Page - Omron Electronics LLC XD2B Datasheet HTML 2Page - Omron Electronics LLC XD2B Datasheet HTML 3Page - Omron Electronics LLC XD2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XD2B
3
2.3±0.2
7.9±0.2
1
13.2±0.05
9.9±0.05
A
A
B
B
PICK AND PLACE SURFACE
0.9±0.05
0.4±0.05
1.7±0.05
2 max.
1.4 max.
12.2
2-1.7
(Intersection with
rounded part)
2-2
2-1
2-0.7
(Intersection with rounded part)
2-1.25
8-0.25
2-1.25 ±0.2
2-0.3±0.05
8-0.25
0.65 CONTACT POSITION
A-A
GOLD PLATING AREA
GOLD PLATING AREA
1.45±0.2 UNMATING
1.4
B-B
0.8±0.05
0.3
0
0.1
+
2-0.6
0
0.1
+
2-1.2
7.9±0.05
3±0.05
0
0.1
+
2-0.7
10.2±0.05
0
0.1
+
2-0.65
4-R0.3
12.2±0.05
0
0.1
+
2-1.65
1.5
0.5
MAXIMUM SHIFT
Precautions
1. Coplanarity: 0.1 max.
2. Tolerance: ±0.1 unless otherwise specified.
2-2.4
2-1.4
2.3 ±0.05
7.9 ±0.05
+0.1
0
+0.1
0
4-3.5
Reference Pad Dimensions
PCB Mating Dimensions (TOP VIEW)
0.9
0.5
0.65 CONTACT POSITION
0.5
4±0.2
8.4±0.2
1.4
B-B
0.8±0.05
0.3
MAXIMUM SHIFT
GOLD PLATING AREA
A-A
GOLD PLATING AREA
1.45±0.2 UNMATING
2 max.
0.9±0.05
0.4±0.05
1.7±0.05
1.4 max.
12.2
3-1
3-0.7
(Intersection with rounded part)
2-1.2
(Intersection with
rounded part)
2-1.5
7-0.25
2-0.75±0.2
7-0.25
2-0.75
2-0.3±0.050
13.2±0.05
9.9±0.05
B
B
A
A
PICK AND PLACE SURFACE
12.2±0.05
4±0.05
8.4±0.05
2-0.6 0
+0.1
2-1.2 0
+0.1
0
+0.1
2-0.7
(0.3)
10.2±0.05
0
+0.1
2-1.15
3-0.65 0
+0.1
Precautions
1. Coplanarity: 0.1 max.
2. Tolerance: ±0.1 unless otherwise specified.
8.4 ±0.05
2-1.9
4 ±0.05
3-1.4
+0.1
0
+0.1
0
5-3.5
Reference Pad Dimensions
PCB Mating Dimensions (TOP VIEW)
XD2B-0507-20A
XD2B-0408-23A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com