Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD2B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XD2B
Description  Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XD2B Datasheet(HTML) 2 Page - Omron Electronics LLC

  XD2B Datasheet HTML 1Page - Omron Electronics LLC XD2B Datasheet HTML 2Page - Omron Electronics LLC XD2B Datasheet HTML 3Page - Omron Electronics LLC XD2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
XD2B
2
Ordering Information
* Order in integer multiples of the quantity per reel.
Dimensions
(Unit: mm)
Model
Appearance
Number of Pads
Number of
contact pins
Battery PAD
Quantity
per reel (unit) *
XD2B-0406-26A
46
2,000
XD2B-0507-20A
57
XD2B-0408-23A
48
+
(
−)
−
(+)
4 PAD Type
5 PAD Type
+
(
−)
−
(+)
4 PAD Type (High Current)
+
(
−)
−
(+)
0.5
2.65±0.2
8.4±0.2
13.2±0.05
9.9±0.05
2-1.2
(Intersection with
rounded part)
2- 1.5
2-1
2-0.7
(Intersection with rounded part)
2-0.75±0.2
2-0.75
2-0.3±0.05
6-0.25
6-0.25
Precautions
1. Coplanarity: 0.1 max.
2. Tolerance: ±0.1 unless otherwise specified.
PCB Mating Dimensions (TOP VIEW)
B
B
A
A
12.2
0.65 CONTACT POSITION
1.45±0.2 UNMATING
GOLD PLATING AREA
1.4
0.8±0.05
0.3
A-A
GOLD PLATING AREA
MAXIMUM SHIFT
B-B
0.9±0.05
0.4±0.05
1.7±0.05
2 max.
1.4 max.
12.2±0.05
8.4±0.05
2.65±0.05
2-0.7
10.2±0.05
2-0.6
+0.1
0
2-1.2
+0.1
0
2-1.15
+0.1
0
2-0.65
+0.1
0
+0.1
0
PICK AND PLACE SURFACE
2.65 ±0.05
8.4 ±0.05
2-1.9
2-1.4
+0.1
0
+0.1
0
4-3.5
Reference Pad Dimensions
0.9
0.5
XD2B-0406-26A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com