Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XD2B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XD2B
Description  Miniature Battery Connectors with 13.2 mm Width and 2.6 mm Depth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XD2B Datasheet(HTML) 4 Page - Omron Electronics LLC

  XD2B Datasheet HTML 1Page - Omron Electronics LLC XD2B Datasheet HTML 2Page - Omron Electronics LLC XD2B Datasheet HTML 3Page - Omron Electronics LLC XD2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
XD2B
Safety Precautions
•For Operating
(1) Do not apply excessive force to the contacts. Doing so may cause
the contacts to deform or the contact plating to peel, resulting in
contact failure.
(2) Do not touch contacts directly with your fingers or other parts of
your body. Doing so may cause the contacts to deform, resulting
in contact failure.
•For Designing
(1) Design the case so that the contacts are not subject to a load from
the top when the battery is inserted. Not doing so may cause the
contacts to deform, resulting in contact failure.
(2) Use the following specifications for the plating on the battery pad
surface: nickel base with gold plating of a thickness of 1.5
μm or
greater.
(3) Use a metal mask thickness of between 0.12 to 0.15 mm. The
recommended metal mask opening ratio is 90% of the processing
dimensions on the PCB in the external dimensions diagram.
(4) Design the case so that the contacts are located as shown in the
outline drawing when the battery is mated.
•For Mounting
(1) Use reflow conditions that are within the ranges specified by
OMRON. However, reflow conditions depend on the type of
solder, manufacturer, quantity, board size, and other mounting
materials and conditions. Always confirm mounting conditions
before actual application.
(2) Do not mount the Connectors with manual soldering. If the end of
the soldering iron comes into contact with the Connector,
deformation may result.
(3) Do not perform the following operations during mounting. Doing so
may damage the Connector, resulting in contact failure or
mounting failure.
•Stack boards to which the Connectors are mounted.
•Touch the contact section or hold-downs with tweezers or other
objects.
•Apply outward force on the contact sections.
Precautions for Correct Use
The contact section
The slit
sections
Hold-down
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems, railroad
systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may have a serious
influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the system or
equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. G080-E1-03
1014(0813)(W)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com