Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5894 Datasheet (PDF) - Renesas Technology Corp

2SC5894 Datasheet PDF - Renesas Technology Corp
Part # 2SC5894
Download  2SC5894 Download
File Size   129.66 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator

2SC5894 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5894 Datasheet PDF - Renesas Technology Corp

Part # 2SC5894
Download  2SC5894 Click to download

File Size   129.66 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator

2SC5894 Datasheet (HTML) - Renesas Technology Corp


2SC5894 Product details

Features
• High gain bandwidth product
    fT = 20 GHz typ.
• High power gain and low noise figure;
    PG = 17.5 dB typ., NF = 1.8 dB typ. at f = 1.8 GHz




Similar Part No. - 2SC5894

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5890 RENESAS-2SC5890 Datasheet
169Kb / 16P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
New Jersey Semi-Conduct...
2SC5890 NJSEMI-2SC5890 Datasheet
85Kb / 2P
Silicon NPN RF Transistor
logo
Inchange Semiconductor ...
2SC5890 ISC-2SC5890 Datasheet
262Kb / 11P
High Gain Bandwidth Product
logo
Panasonic Semiconductor
2SC5895 PANASONIC-2SC5895 Datasheet
54Kb / 2P
Silicon NPN epitaxial planar type
2002 JUL
logo
Savantic, Inc.
2SC5895 SAVANTIC-2SC5895 Datasheet
205Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SC5894

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 HITACHI-2SC5624 Datasheet
105Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5975 RENESAS-2SC5975 Datasheet
238Kb / 18P
SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
logo
Hitachi Semiconductor
2SC5629 HITACHI-2SC5629 Datasheet
73Kb / 10P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
logo
Renesas Technology Corp
2SC5594 RENESAS-2SC5594 Datasheet
89Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 RENESAS-2SC5624 Datasheet
198Kb / 7P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5702 RENESAS-2SC5702 Datasheet
277Kb / 15P
Silicon NPN Epitaxial High Frequency Amplifier / Oscillator
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5623 RENESAS-2SC5623 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com