Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5894 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5894
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5894 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5894 Datasheet HTML 1Page - Renesas Technology Corp 2SC5894 Datasheet HTML 2Page - Renesas Technology Corp 2SC5894 Datasheet HTML 3Page - Renesas Technology Corp 2SC5894 Datasheet HTML 4Page - Renesas Technology Corp 2SC5894 Datasheet HTML 5Page - Renesas Technology Corp 2SC5894 Datasheet HTML 6Page - Renesas Technology Corp 2SC5894 Datasheet HTML 7Page - Renesas Technology Corp 2SC5894 Datasheet HTML 8Page - Renesas Technology Corp 2SC5894 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SC5894
Rev.2.00 Aug 10, 2005 page 3 of 9
Main Characteristics
0
50
100
150
200
100
10
100
200
0
1
20
25
50
VCE = 2 V
0
0.4
0.6
1
0.2
0.8
VCE = 2 V
50
100
15
5
20
10
10
20
30
40
50
150
50
01
2
3
4
IB = 20 µA
40
µA
60
µA
80
µA
100
µA
120
µA
140
µA
160
µA
180
µA
200
µA
Collector Power Dissipation Curve
Ambient Temperature
Ta (°C)
Typical Output Characteristics
Collector to Emitter Voltage
VCE (V)
Typical Transfer Characteristics
Base to Emitter Voltage
VBE (V)
DC Current Transfer Ratio vs.
Collector Current
Collector Current
IC (mA)
0.2
0.4
0.6
0.8
1.0
01
2
3
4
5
0
0.4
0.8
1.2
1.6
2.0
-1
1
0
0
IE = 0
f = 1 MHz
VEB = 0
f = 1 MHz
Collector Output Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
Emitter Input Capacitance vs.
Emitter to Base Voltage
Emitter to Base Voltage VEB (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com