Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5894 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5894
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5894 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5894 Datasheet HTML 2Page - Renesas Technology Corp 2SC5894 Datasheet HTML 3Page - Renesas Technology Corp 2SC5894 Datasheet HTML 4Page - Renesas Technology Corp 2SC5894 Datasheet HTML 5Page - Renesas Technology Corp 2SC5894 Datasheet HTML 6Page - Renesas Technology Corp 2SC5894 Datasheet HTML 7Page - Renesas Technology Corp 2SC5894 Datasheet HTML 8Page - Renesas Technology Corp 2SC5894 Datasheet HTML 9Page - Renesas Technology Corp 2SC5894 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5894
Rev.2.00 Aug 10, 2005 page 6 of 9
Sparameter
(VCE = 2V, IC = 3mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.890
-4.5
9.05
175.5
0.0030
85.7
0.992
-2.0
200
0.892
-9.2
8.88
171.1
0.0064
89.8
0.994
-4.5
300
0.910
-13.9
8.84
166.5
0.0105
91.0
0.991
-6.7
400
0.885
-18.7
8.69
162.1
0.0139
90.5
0.984
-9.4
500
0.876
-23.6
8.57
157.8
0.0185
87.8
0.978
-12.0
600
0.857
-28.5
8.45
153.4
0.0231
84.4
0.966
-14.6
700
0.838
-33.6
8.46
149.2
0.0271
81.0
0.953
-17.2
800
0.825
-38.3
8.13
145.0
0.0316
77.6
0.935
-19.5
900
0.801
-43.0
7.93
141.1
0.0355
73.4
0.914
-21.8
1000
0.776
-47.5
7.56
137.4
0.0392
70.9
0.895
-23.6
1100
0.793
-52.0
7.27
133.2
0.0432
66.5
0.872
-25.9
1200
0.728
-56.8
7.35
129.9
0.0459
63.5
0.849
-28.0
1300
0.700
-61.3
7.15
126.4
0.0487
60.5
0.827
-29.9
1400
0.674
-65.6
6.94
123.1
0.0510
57.0
0.804
-31.4
1500
0.649
-69.7
6.73
120.0
0.0531
54.5
0.783
-33.0
1600
0.624
-74.0
6.54
117.0
0.0555
52.5
0.763
-34.6
1700
0.598
-78.1
6.34
113.9
0.0576
50.7
0.741
-35.9
1800
0.567
-82.7
6.22
111.0
0.0581
48.6
0.719
-37.3
1900
0.554
-86.7
6.00
107.8
0.0610
45.8
0.699
-38.4
2000
0.526
-89.8
5.81
106.2
0.0613
44.9
0.685
-39.6
2100
0.501
-95.3
5.67
102.5
0.0624
42.4
0.660
-40.5
2200
0.487
-97.3
5.33
101.4
0.0642
40.6
0.657
-41.3
2300
0.471
-102.5
5.32
98.0
0.0646
39.5
0.629
-42.4
2400
0.455
-106.5
5.17
95.6
0.0658
38.0
0.615
-43.4
2500
0.434
-111.3
5.08
93.1
0.0663
36.1
0.596
-44.4
2600
0.424
-114.1
4.87
91.5
0.0666
35.2
0.590
-45.2
2700
0.405
-119.3
4.79
88.7
0.0665
35.1
0.572
-46.0
2800
0.396
-121.9
4.63
87.6
0.0677
33.4
0.567
-47.1
2900
0.385
-127.7
4.56
84.3
0.0685
32.2
0.547
-47.5
3000
0.374
-132.6
4.49
81.6
0.0677
31.1
0.530
-48.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com