Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5894 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5894
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5894 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5894 Datasheet HTML 2Page - Renesas Technology Corp 2SC5894 Datasheet HTML 3Page - Renesas Technology Corp 2SC5894 Datasheet HTML 4Page - Renesas Technology Corp 2SC5894 Datasheet HTML 5Page - Renesas Technology Corp 2SC5894 Datasheet HTML 6Page - Renesas Technology Corp 2SC5894 Datasheet HTML 7Page - Renesas Technology Corp 2SC5894 Datasheet HTML 8Page - Renesas Technology Corp 2SC5894 Datasheet HTML 9Page - Renesas Technology Corp 2SC5894 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5894
Rev.2.00 Aug 10, 2005 page 7 of 9
(VCE = 2V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.831
-5.8
13.33
174.2
0.0032
85.5
0.988
-2.4
200
0.835
-11.9
13.12
168.6
0.0065
90.4
0.989
-5.4
300
0.844
-18.0
13.04
162.9
0.0101
89.2
0.985
-8.2
400
0.821
-24.2
12.70
157.4
0.0133
88.6
0.974
-11.4
500
0.804
-30.4
12.41
152.0
0.0174
84.4
0.962
-14.5
600
0.779
-36.7
12.07
146.7
0.0216
81.4
0.944
-17.6
700
0.747
-42.7
11.79
141.8
0.0253
77.7
0.921
-20.5
800
0.727
-48.7
11.27
136.8
0.0291
73.9
0.894
-23.1
900
0.695
-54.4
10.82
132.4
0.0319
69.5
0.865
-25.5
1000
0.666
-59.9
10.26
128.0
0.0350
67.6
0.838
-27.4
1100
0.661
-64.8
9.78
123.8
0.0383
62.8
0.808
-29.6
1200
0.601
-70.4
9.57
120.3
0.0399
60.6
0.778
-31.5
1300
0.570
-75.5
9.16
116.7
0.0421
57.8
0.753
-33.1
1400
0.542
-80.3
8.78
113.4
0.0439
55.3
0.726
-34.4
1500
0.516
-85.0
8.40
110.3
0.0454
53.3
0.702
-35.7
1600
0.491
-89.6
8.06
107.4
0.0476
52.5
0.680
-36.8
1700
0.466
-94.2
7.74
104.5
0.0489
50.1
0.658
-37.8
1800
0.440
-99.2
7.48
101.7
0.0492
49.1
0.636
-38.7
1900
0.423
-103.7
7.17
98.9
0.0509
46.8
0.616
-39.5
2000
0.403
-107.6
6.88
97.2
0.0521
46.0
0.603
-40.4
2100
0.383
-113.4
6.65
93.9
0.0522
43.8
0.580
-40.8
2200
0.373
-116.2
6.30
92.6
0.0539
42.9
0.575
-41.5
2300
0.358
-121.5
6.18
89.8
0.0543
42.5
0.553
-42.2
2400
0.347
-125.9
5.97
87.7
0.0554
40.9
0.540
-42.8
2500
0.333
-131.2
5.81
85.5
0.0557
40.7
0.524
-43.5
2600
0.326
-134.6
5.57
83.9
0.0558
40.4
0.519
-44.0
2700
0.314
-140.2
5.43
81.5
0.0579
39.8
0.505
-44.6
2800
0.311
-143.3
5.24
80.3
0.0586
38.4
0.500
-45.4
2900
0.304
-149.0
5.12
77.6
0.0593
38.0
0.484
-45.6
3000
0.301
-153.8
5.00
75.4
0.0585
37.0
0.471
-46.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com