Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5894 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5894
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5894 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5894 Datasheet HTML 2Page - Renesas Technology Corp 2SC5894 Datasheet HTML 3Page - Renesas Technology Corp 2SC5894 Datasheet HTML 4Page - Renesas Technology Corp 2SC5894 Datasheet HTML 5Page - Renesas Technology Corp 2SC5894 Datasheet HTML 6Page - Renesas Technology Corp 2SC5894 Datasheet HTML 7Page - Renesas Technology Corp 2SC5894 Datasheet HTML 8Page - Renesas Technology Corp 2SC5894 Datasheet HTML 9Page - Renesas Technology Corp 2SC5894 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5894
Rev.2.00 Aug 10, 2005 page 8 of 9
(VCE = 2V, IC = 10mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.730
-8.4
20.44
172.0
0.0032
93.3
0.978
-3.0
200
0.728
-17.0
20.06
164.3
0.0060
87.1
0.977
-6.8
300
0.722
-25.5
19.61
156.7
0.0090
88.5
0.967
-10.4
400
0.694
-34.2
18.78
149.4
0.0123
86.4
0.946
-14.4
500
0.666
-42.6
17.90
142.5
0.0158
79.7
0.922
-18.2
600
0.630
-50.8
16.93
136.0
0.0191
77.0
0.888
-21.6
700
0.590
-58.5
15.94
130.4
0.0219
73.3
0.853
-24.5
800
0.559
-65.8
14.95
124.9
0.0250
70.9
0.815
-27.0
900
0.523
-72.5
13.98
120.2
0.0271
66.4
0.776
-29.2
1000
0.491
-79.2
13.06
115.8
0.0294
65.3
0.742
-30.7
1100
0.472
-84.8
12.25
111.8
0.0310
62.0
0.709
-32.5
1200
0.430
-91.4
11.57
108.4
0.0331
60.2
0.678
-33.5
1300
0.403
-97.2
10.90
105.2
0.0337
58.6
0.651
-34.5
1400
0.381
-102.9
10.29
102.2
0.0359
56.6
0.627
-35.2
1500
0.360
-108.2
9.73
99.4
0.0365
55.4
0.604
-35.9
1600
0.342
-113.7
9.22
96.8
0.0386
55.2
0.585
-36.5
1700
0.325
-119.0
8.77
94.3
0.0400
53.6
0.566
-36.9
1800
0.309
-124.8
8.36
91.9
0.0404
53.5
0.549
-37.3
1900
0.299
-130.0
7.97
89.6
0.0423
51.8
0.533
-37.6
2000
0.289
-134.9
7.61
87.8
0.0437
52.4
0.522
-38.0
2100
0.279
-140.9
7.28
85.3
0.0439
50.0
0.505
-38.2
2200
0.274
-144.7
6.95
83.7
0.0451
50.0
0.498
-38.6
2300
0.268
-150.1
6.72
81.7
0.0464
49.2
0.484
-39.0
2400
0.264
-154.8
6.46
79.8
0.0478
48.9
0.475
-39.5
2500
0.262
-160.0
6.23
77.9
0.0483
48.5
0.464
-39.8
2600
0.260
-163.9
6.00
76.4
0.0494
47.9
0.458
-40.2
2700
0.258
-169.2
5.80
74.5
0.0510
48.6
0.449
-40.6
2800
0.259
-172.6
5.60
73.1
0.0516
47.4
0.445
-41.1
2900
0.261
-177.2
5.43
71.1
0.0525
47.0
0.434
-41.5
3000
0.263
178.8
5.27
69.3
0.0533
46.4
0.427
-41.8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com