Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet (PDF) - OKI electronic componets

MSM80C85 Datasheet PDF - OKI electronic componets
Part # MSM80C85
Download  MSM80C85 Download
File Size   210.27 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8-Bit CMOS MICROPROCESSOR

MSM80C85 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM80C85 Datasheet PDF - OKI electronic componets

Part # MSM80C85
Download  MSM80C85 Click to download

File Size   210.27 Kbytes
Page   29 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 8-Bit CMOS MICROPROCESSOR

MSM80C85 Datasheet (HTML) - OKI electronic componets


MSM80C85 Product details

GENRAL  DESCRIPTION

The MSM80C85AH is a complete 8-bit parallel; central processor implemented in silicon gate C-MOS technology and compatible with MSM80C85A. It is designed with higher processing speed (max.5 MHz) and lower power consumption compared with MSM80C85A and power down mode is provided, thereby offering a high level of system integration.



FEATURES

• Power down mode (HALT-HOLD)

• Low Power Dissipation: 50mW(Typ)

• Single + 3 to + 6 V Power Supply

• –40 to + 85°C, Operating Temperature

• Compatible with MSM80C85A

• 0.8 ms instruction Cycle (VCC = 5V)

• On-Chip Clock Generator (with External Crystal)

• On-Chip System Controller; Advanced Cycle Status Information Available for Large System

Control

• Bug operation in MSM80C85AH is fixed

• Four Vectored interrupt (One is non-maskable) Plus the 8080A-compatible interrupt.

• Serial, In/Serial Out Port

• Decimal, Binary and Double Precision Arithmetic

• Addressing Capability to 64K Bytes of Memory

• TTL Compatible

• 40-pin Plastic DIP(DIP40-P-600-2.54): (Product name: MSM80C85AHRS)

• 44-pin Plastic QFJ(QFJ44-P-S650-1.27): (Product name: MSM80C85AHJS)

• 44-pin Plastic QFP(QFP44-P-910-0.80-2K): (Product name: MSM80C85AHGS-2K)




Similar Part No. - MSM80C85

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10GS OKI-MSM80C86A-10GS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C86A-10JS OKI-MSM80C86A-10JS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C88A-10GS OKI-MSM80C88A-10GS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
MSM80C88A-10JS OKI-MSM80C88A-10JS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
More results


Similar Description - MSM80C85

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
Toshiba Semiconductor
TMPZ84C01F TOSHIBA-TMPZ84C01F Datasheet
759Kb / 36P
CMOS Z80 8-BIT MICROPROCESSOR
logo
California Micro Device...
G65SC02 CALMIRCO-G65SC02 Datasheet
664Kb / 11P
CMOS G65SC02-A 8-BIT MICROPROCESSOR
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
CDP1802AC RENESAS-CDP1802AC Datasheet
683Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com