Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 5 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 5 Page - OKI electronic componets

  MSM80C85 Datasheet HTML 1Page - OKI electronic componets MSM80C85 Datasheet HTML 2Page - OKI electronic componets MSM80C85 Datasheet HTML 3Page - OKI electronic componets MSM80C85 Datasheet HTML 4Page - OKI electronic componets MSM80C85 Datasheet HTML 5Page - OKI electronic componets MSM80C85 Datasheet HTML 6Page - OKI electronic componets MSM80C85 Datasheet HTML 7Page - OKI electronic componets MSM80C85 Datasheet HTML 8Page - OKI electronic componets MSM80C85 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
Name
Address Branched To (1)
When Interrupt Occurs
Type Trigger
RST 7.5
3CH
34H
Rising edge (latched).
High level unitl sampled.
RST 6.5
RST 5.5
2CH
(2)
High level until sampled.
High level until sampled.
INTR
TRAP
Priority
2
3
4
5
1
24H
Rising edge and high level unit sampled.
Table 1 Interrupt Priority, Restart Address, and Sensitivity
Notes: (1) The processor pushes the PC on the stack before branching to the indicated
address.
(2) The address branched to depends on the instruction provided to the cpu
when the interrupt is acknowledged.
RESET IN
(Input)
Sets the Program Counter to zero and resets the Interrupt Enable and HLDA flip-flops and release
power down mode. The data and address buses and the control lines are 3-stated during RESET and
because of the asynchronous nature of RESET IN, the processor's internal registers and flags may be
altered by RESET with unpredictable results. RESET IN is a Schmitt-triggered input, allowing
connection to an R-C network for power-on RESET delay. The cpu is held in the reset condition as
long as RESET IN is applied.
Symbol
Function
RESET OUT
(Output)
Indicated cpu is being reset. Can be used as a system reset. The signal is synchronized to
the processor clock and lasts an integral number of clock periods.
X1, X2
(Input)
X1 and X2 are connected to a crystal to drive the internal clock generator. X1 can also be an external
clock input from a logic gate. The input frequency is divided by 2 to give the processor's internal
operating frequency.
SID
(Input)
Serial input data line. The data on this line is loaded into accumulator bit 7 whenever a RIM instruction
is executed.
SOD
(Output)
Serial output data line. The output SOD is set or reset as specified by the SIM instruction.
VCC
+ 5 Volt supply
GND
Ground Reference.
CLK
(Output)
Clock Output for use as a system clock. The period of CLK is twice the X1, X2 input period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com