Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 9Page - OKI electronic componets MSM80C85 Datasheet HTML 10Page - OKI electronic componets MSM80C85 Datasheet HTML 11Page - OKI electronic componets MSM80C85 Datasheet HTML 12Page - OKI electronic componets MSM80C85 Datasheet HTML 13Page - OKI electronic componets MSM80C85 Datasheet HTML 14Page - OKI electronic componets MSM80C85 Datasheet HTML 15Page - OKI electronic componets MSM80C85 Datasheet HTML 16Page - OKI electronic componets MSM80C85 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
ABSOLUTE MAXIMUM RATINGS
–55 - +150
MSM80C85AHRS
Power Supply Voltage
VCC
–0.5 - 7
V
Input Voltage
VIN
–0.5 - VCC +0.5
V
Output Voltage
VOUT
–0.5 - VCC +0.5
V
Storage Temperature
TSTG
°C
Power Dissipation
PD
0.7
W
Parameter
Units
Symbol
With respect
to GND
—
Ta = 25°C
Condition
Limits
MSM80C85AHGS MSM80C85AHJS
1.0
1.0
OPERATING RANGE
Limits
Power Supply Voltage
VCC
3 - 6
V
Operating Temperature
TOP
–40 - +85
°C
Parameter
Unit
Symbol
RECOMMENDED OPERATING CONDITIONS
DC CHARACTERISTICS
"L"
VILR
—
–0.3
+0.8
Typ.
Power Supply Voltage
VCC
5V
TOP
+25
"L" Input Voltage
VIL
—
"H" Output Voltage
VIH
—
Min.
4.5
–40
–0.3
2.2
Max.
5.5
+85
+0.8
VCC +0.3
Parameter
Unit
Symbol
°C
V
V
Operating Temperature
V
VIHR
—
3.0
VCC +0.3
V
RESET IN
Input Voltage
"H"
RESET IN
Input Voltage
Typ.
Max.
"L" Output Voltage
VOL
—
0.4
V
"H" Output Voltage
VOH
——
V
——
V
Parameter
Unit
Symbol
Min.
—
3.0
VCC - 0.4
IOL = 2.5 mA
IOH = –2.5 mA
IOH = –100 mA
Conditions
VCC = 4.5 V - 5.5 V
Ta = –40°C - +85°C
Input Leak Current
ILI
—10
mA
Output Leak Current
ILO
—10
mA
–10
–10
0 £ VIN £ VCC
0 £ VOUT £ VCC
Tcyc = 200 ns
CL = 0 pF at reset
Operating Supply
Current
ICC
10
20
mA
510
mA
—
—
Tcyc = 200 ns
CL = 0 pF at power
down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com