Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM80C85 Datasheet HTML 1Page - OKI electronic componets MSM80C85 Datasheet HTML 2Page - OKI electronic componets MSM80C85 Datasheet HTML 3Page - OKI electronic componets MSM80C85 Datasheet HTML 4Page - OKI electronic componets MSM80C85 Datasheet HTML 5Page - OKI electronic componets MSM80C85 Datasheet HTML 6Page - OKI electronic componets MSM80C85 Datasheet HTML 7Page - OKI electronic componets MSM80C85 Datasheet HTML 8Page - OKI electronic componets MSM80C85 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
GENRAL DESCRIPTION
The MSM80C85AH is a complete 8-bit parallel; central processor implemented in silicon gate
C-MOS technology and compatible with MSM80C85A.
It is designed with higher processing speed (max.5 MHz) and lower power consumption
compared with MSM80C85A and power down mode is provided, thereby offering a high level
of system integration.
The MSM80C85AH uses a multiplexed address/data bus. The address is split between the 8-
bit address bus and the 8-bit data bus. The on-chip address latch : of a MSM81C55-5 memory
product allows a direct interface with the MSM80C85AH.
FEATURES
• Power down mode (HALT-HOLD)
• Low Power Dissipation: 50mW(Typ)
• Single + 3 to + 6 V Power Supply
• –40 to + 85
°C, Operating Temperature
• Compatible with MSM80C85A
• 0.8 ms instruction Cycle (VCC = 5V)
• On-Chip Clock Generator (with External Crystal)
• On-Chip System Controller; Advanced Cycle Status Information Available for Large System
Control
• Bug operation in MSM80C85AH is fixed
• Four Vectored interrupt (One is non-maskable) Plus the 8080A-compatible interrupt.
• Serial, In/Serial Out Port
• Decimal, Binary and Double Precision Arithmetic
• Addressing Capability to 64K Bytes of Memory
• TTL Compatible
• 40-pin Plastic DIP(DIP40-P-600-2.54): (Product name: MSM80C85AHRS)
• 44-pin Plastic QFJ(QFJ44-P-S650-1.27): (Product name: MSM80C85AHJS)
• 44-pin Plastic QFP(QFP44-P-910-0.80-2K): (Product name: MSM80C85AHGS-2K)
¡ Semiconductor
MSM80C85AHRS/GS/JS
8-Bit CMOS MICROPROCESSOR
E2O0009-27-X2
This version: Jan. 1998
Previous version: Aug. 1996


Similar Part No. - MSM80C85

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C86A-10GS OKI-MSM80C86A-10GS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C86A-10JS OKI-MSM80C86A-10JS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C86A-10RS OKI-MSM80C86A-10RS Datasheet
269Kb / 37P
16-Bit CMOS MICROPROCESSOR
MSM80C88A-10GS OKI-MSM80C88A-10GS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
MSM80C88A-10JS OKI-MSM80C88A-10JS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
More results

Similar Description - MSM80C85

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
Toshiba Semiconductor
TMPZ84C01F TOSHIBA-TMPZ84C01F Datasheet
759Kb / 36P
CMOS Z80 8-BIT MICROPROCESSOR
logo
California Micro Device...
G65SC02 CALMIRCO-G65SC02 Datasheet
664Kb / 11P
CMOS G65SC02-A 8-BIT MICROPROCESSOR
G65SC816 CALMIRCO-G65SC816 Datasheet
115Kb / 2P
CMOS 8/16-BIT MICROPROCESSOR FAMILY
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
80C88 INTERSIL-80C88_04 Datasheet
620Kb / 32P
CMOS 8/16-Bit Microprocessor
November 2004
80C88 INTERSIL-80C88_08 Datasheet
606Kb / 38P
CMOS 8-/16-Bit Microprocessor
February 22, 2008
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
80C88 RENESAS-80C88 Datasheet
1Mb / 39P
CMOS 8-/16-Bit Microprocessor
CDP1802AC RENESAS-CDP1802AC Datasheet
683Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com