Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM80C85 Datasheet HTML 1Page - OKI electronic componets MSM80C85 Datasheet HTML 2Page - OKI electronic componets MSM80C85 Datasheet HTML 3Page - OKI electronic componets MSM80C85 Datasheet HTML 4Page - OKI electronic componets MSM80C85 Datasheet HTML 5Page - OKI electronic componets MSM80C85 Datasheet HTML 6Page - OKI electronic componets MSM80C85 Datasheet HTML 7Page - OKI electronic componets MSM80C85 Datasheet HTML 8Page - OKI electronic componets MSM80C85 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
PIN CONFIGURATION (TOP VIEW)
40 pin Plastic DIP
16
15
14
13
X1
20
19
18
17
GND
1
2
3
4
5
6
7
8
9
10
11
12
32
31
30
29
28
27
26
37
38
39
40
36
35
34
33
25
A8
HOLD
HLDA
CLK(OUT)
RESET IN
READY
IO/M
S1
RD
WR
ALE
S0
A15
A14
A13
A12
A11
A10
A9
24
23
22
21
VCC
AD5
AD6
AD7
RST7.5
RST6.5
RST5.5
INTR
INTA
AD0
AD1
AD2
AD3
AD4
X2
RESET OUT
SOD
SID
TRAP
44 pin Plastic QFP
39
38
37
36
35
34
33
READY
IO/M
S1
RD
WR
NC
ALE
TRAP
RST7.5
RST6.5
RST5.5
INTR
NC
INTA
7
8
9
10
11
12
13
32
31
30
29
S0
A15
A14
AD0
AD1
AD2
AD3
14
15
16
17
A13
44 pin Plastic QFJ
33
32
31
30
29
28
27
READY
IO/M
S1
RD
WR
ALE
S0
TRAP
RST7.5
RST6.5
RST5.5
INTR
INTA
AD0
1
2
3
4
5
6
7
26
25
24
23
A15
A14
A13
AD1
AD2
AD3
NC
8
9
10
11
A12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com