Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 3Page - OKI electronic componets MSM80C85 Datasheet HTML 4Page - OKI electronic componets MSM80C85 Datasheet HTML 5Page - OKI electronic componets MSM80C85 Datasheet HTML 6Page - OKI electronic componets MSM80C85 Datasheet HTML 7Page - OKI electronic componets MSM80C85 Datasheet HTML 8Page - OKI electronic componets MSM80C85 Datasheet HTML 9Page - OKI electronic componets MSM80C85 Datasheet HTML 10Page - OKI electronic componets MSM80C85 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
For RST 7.5, only a pulse is required to set an internal flip-flop which generates the internal
interrupt request. The RST 7.5 request flip-flop remains set until the request is serviced. Then
it is reset automatically, This flip-flop may also be reset by using the SIM instruction or by
issuing a RESET IN to the MSM80C85AH. The RST 7.5 internal flip-flop will be set by a pulse
on the RST 7.5 pin even when the RST 7.5 interrupt is masked out.
The interrupts are arranged in a flixed priority that determines which interrupt is to be
recognized if more than one is pending, as follows: TRAP-highest priority, RST 7.5, RST 6.5, RST
5.5, INTR-lowest priority. This priority scheme does not take into account the priority of a
routine that was started by a higher priority interrupt. RST 5.5 can interrupt an RST 7.5 routine
if the interrupt are re-enabled before the end of the RST 7.5 routine.
The TRAP interrupt is useful for catastrophic evens such as power failure or bus error. The
TRAP input is recognized just as any other interrupt but has the highest priority. It is not
affected by any flag or mask. The TRAP input is both edge and level sensitive. The TRAP input
must go high and remain high until it is acknowledged. It will not be recognized again until it
goes low, then high again. This avoids any false triggering due to noise or logic glitches. Figure
3 illustrates the TRAP interrupt request circuitry within the MSM80C85AH. Note that the
servicing of any interrupt (TRAP, RST 7.5, RST 6.5, RST 5.5,INTR) disables all future interrupts
(except TRAPs) until an El instruction is executed.
The TRAP interrupt is special in that it disables interrupts, but preserves the previous interrupt
enable status. Performing the first RIM instruction following a TRAP interrupt allows you to
determine whether interrupts were enabled or disabled prior to the TRAP. All subsequent RIM
instructions provide current interrupt enable status. Performing a RIM instruction following
INTR or RST 5.5-7.5 will provide current interrupt Enable status, revealing that Interrupts are
disabled.
The serial I/O system is also controlled by the RIM and SIM instructions. SID is read by RIM,
and SIM sets the SOD data.
Inside the MSM80C85AH
External TRAP
Interrupt Request
TRAP
Schmitt
Trigger
RESET IN
RESET
TRAP
Interrupt
Request
+5 V
D
CLK
D
Q
F/F
Clear
TRAP F.F
Internal
TRAP
Acknowledge
Figure 3 Trap and
RESET IN Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com