Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 22 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 22 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 18Page - OKI electronic componets MSM80C85 Datasheet HTML 19Page - OKI electronic componets MSM80C85 Datasheet HTML 20Page - OKI electronic componets MSM80C85 Datasheet HTML 21Page - OKI electronic componets MSM80C85 Datasheet HTML 22Page - OKI electronic componets MSM80C85 Datasheet HTML 23Page - OKI electronic componets MSM80C85 Datasheet HTML 24Page - OKI electronic componets MSM80C85 Datasheet HTML 25Page - OKI electronic componets MSM80C85 Datasheet HTML 26Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
22/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
SUPPLEMENTARY EXPLANATION
(1) SIM instruction: The execution of the SIM instruction uses the contents of the accumulator
to mask MSM80C85AH’S interrupts.
Accumulator Setting Value
R7.5 (Reset interrupt 7.5 Flip-flop): When this bit is set to 1, the edge detecting flip-flop
of RST 7.5 interrupt is reset.
MSE (Mask Set Enable): When this bit is set to 1, the interrupt mask bits are valid.
M7.5 (Mask RST7.5): When this bit is set to 1 and MSE bit is set to 1, RST7.5 interrupt is
masked.
M6.5 (Mask RST6.5): When this bit is set to 1 and MSE bit is set to 1, RST6.5 interrupt is
masked.
M5.5 (Mask RST5.5): When this bit is set to 1 and MSE bit is set to 1, RST 5.5 interrupt is
masked.
—
Bit 7
—
6
—
5
R7.5
4
MSE
3
M7.5
2
M6.5
1
M5.5
0
(2) RIM instruction: When the contents of the accumulator are read out after RIM instruction has
been executed, MSM80C85AH interrupt status can be known.
Accumulator Reading Value
—
Bit 7
17.5
6
16.5
5
15.5
4
IE
3
M7.5
2
M6.5
1
M5.5
0
17.5 (Pending RST7.5): When RST7.5 interrupt is pending, "1" is read out.
16.5 (Pending RST6.5): When RST6.5 interrupt is pending, "1" is read out.
15.5 (Pending RST5.5): When RST5.5 interrupt is pending, "1" is read out.
IE (Interrupt Enable Flag): When interrupt is Enable, "1" is read out.
M7.5 (Mask RST7.5): When RST7.5 interrupt is masked, "1" is read out.
M6.5 (Mask RST6.5): When RST6.5 interrupt is masked, "1" is read out.
M5.5 (Mask RST5.5): When RST5.5 interrupt is masked ,"1" is read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com