Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM80C85 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM80C85
Description  8-Bit CMOS MICROPROCESSOR
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM80C85 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM80C85 Datasheet HTML 17Page - OKI electronic componets MSM80C85 Datasheet HTML 18Page - OKI electronic componets MSM80C85 Datasheet HTML 19Page - OKI electronic componets MSM80C85 Datasheet HTML 20Page - OKI electronic componets MSM80C85 Datasheet HTML 21Page - OKI electronic componets MSM80C85 Datasheet HTML 22Page - OKI electronic componets MSM80C85 Datasheet HTML 23Page - OKI electronic componets MSM80C85 Datasheet HTML 24Page - OKI electronic componets MSM80C85 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
¡ Semiconductor
MSM80C85AHRS/GS/JS
LOGICAL
ANA r
XRA r
ORA r
CMP r
ANA M
XRA M
ORA M
CMP M
ANI
XRI
ORI
CPI
Mnemonic
Description
Instruction Code (1)
Clock (2)
Cycles
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
S
S
S
S
1
1
1
1
1
1
1
1
S
S
S
S
1
1
1
1
1
1
1
1
S
S
S
S
0
0
0
0
0
0
0
0
D7 D6 D5 D4 D3 D2 D1 D0
4
4
4
4
7
7
7
7
7
7
7
7
Add register with A
Exclusive Or register with A
Or register with A
Compare register with A
And memory with A
Exclusive Or Memory with A
Or memory with A
Compare memory with A
And immediate with A
Exclusive Or immediate with A
Or immediate with A
Compare immediate with A
ROTATE
RLC
RRC
RAL
RAR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
4
4
4
4
Rotate A left
Rotate A right
Rotate A left through carry
Rotate A right through carry
SPECIALS
CMA
STC
CMC
DAA
0
0
0
0
0
0
0
0
1
1
1
1
0
1
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
4
4
4
4
Complement A
Set carry
Complement carry
Decimal adjust A
CONTROL
EI
DI
NOP
HLT
RIM
SIM
1
1
0
0
0
0
1
1
0
1
0
0
1
1
0
1
1
1
1
1
0
1
0
1
1
0
0
0
0
0
0
0
0
1
0
0
1
1
0
1
0
0
1
1
0
0
0
0
4
4
4
5
4
4
Enable Interrupts
Disable Interrupts
No-operation
Halt (Power down)
Read Interrupt Mask
Set Interrupt Mask
Table 8 Instruction Set Summary cont'd
Notes: (1) DDD or SSS. B 000. C 001. D 010. E 011. H 100. L 101. Memory 110. A 111.
(2) Two possible cycle times, (6/12) indicate instruction cycles dependent on
condition flags.
Precautions for operation
(1) When the oscillation circuit is to be used, keep the RES input low until the oscillation is
sufficiently stabilized after power is turned on.
(2) When power is turned on, the output level (SOD etc.) is unknown before the equipment
is reset.
(3) Bug of MSM80C85A–2 at power down has fixed.
(4) Because Spike Noise would be output on HLDA, RESET OUT and CLK pins, depending
on the customers condition of usage; please take into account this issue at System Board
design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com