Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3424 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC3424 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC3424
Download  SC3424 Download
File Size   238.79 Kbytes
Page   13 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8-DIGIT CALCULATOR

SC3424 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC3424 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC3424
Download  SC3424 Click to download

File Size   238.79 Kbytes
Page   13 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 8-DIGIT CALCULATOR

SC3424 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC3424 Product details

DESCRIPTION
The SC3423 is a single-chip LSI CMOS calculator with 8-digit four function arithmetic operations, single memory, extraction of square root and percentage calculation functions, leading zero and trailing zero suppression, chain calculations and internal debouncing and encoding of keyboard inputs. It is designed for LCD operation with 3.0V power supply (either from solar cell or battery), auto-power off, low power dissipation and single power supply making the SC3423 ideal for hand held calculators with low system cost.

FEATURES
* Number of digits - 8 digits (rough estimated calculation is possible).
* Calculations:
    - Standard four functions (+ , - , x , +).
    - Chain multiplication and division.
    - Auto-constant calculation (constant multiplicand, divisor, addend and subtrahend).
    - Square and reciprocal calculations.
    - Extraction of square root.
    - Percentage calculations.
    - Power calculations.
    - Rough estimate calculations.
    - Memory calculations.
* Decimal point system-complete floating decimal point system.
* Negative number indication: number + minus (-) sign.
* Display format: 8 digits & sign (-, E & M) leading zero suppression zero shift.
* Touch tone function and display.
* Punctuation comma display.
* Auto power off ability.




Similar Part No. - SC3424

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC34 ZOWIE-SC34 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Littelfuse
SC3402-02ETG LITTELFUSE-SC3402-02ETG Datasheet
941Kb / 5P
5 V, 0.4 pF, 15 kV, SOD883, Ultra Low Capacitance ESD protection
01/22/26
logo
ON Semiconductor
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Similar Description - SC3424

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
10/12 DIGIT CALCULATOR
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
10/12 DIGIT CURRENCY CALCULATOR?
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
Integral Corp.
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
8-DIGIT CALCULATOR
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
8-DIGIT CALCULATOR WITH MARKER
logo
SHENZHEN FUMAN ELECTRON...
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
10/12 digit calculator
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
10/12 digit calculator
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
12-digit calculator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com