Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3424 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC3424 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
5
Display Example
No. “8” ON OR OFF WAVEFORM
No. “5” ON OR OFF WAVEFORM
T1
T2
T3
T4
T5
T6
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
H3
H2
H1
ai
bi
ci
"ON"
"OFF"
ai.bi.ci
abc
T1
T2
T3
T4
T5
T6
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
V2
V1
V0
H3
H2
H1
ai
bi
ci
"ON"
"OFF"
ai.bi.ci
ab
c
(H1H2H3) (H1H2 H3) (H1H2H3)
(H1H2H3) (H1H2
H3) (H1 H2 H3)
0
1
0
111
111
00
0
1
11
1
0
1
2. KEYBOARD DESCRIPTIONS
a)
Equal Key (=)
i) Performs Keyed-in operation and maintains that operation for possible use.
ii) Establishes power/reciprocation calculation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com