Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3424 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SC3424 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 11Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
m) Memory Minus Key (M-)
i) Subtracts the current display from the contents of memory
ii) It will terminate a number entry.
n) Memory Recall and Clear Key (RCM)
i) First push, as RM key, transfers the contents of the memory register into the display register.
ii) Second push, as CM key, clears the memory.
o) Number, Decimal Key ("O - 9", "
•")
The First number key in a sequence will clear the display and enter the digit in the display. Successive
entries will shift the display left and enters the data in display register. The first decimal point entered is
effective. An attempted entry of more than 8 digits or 7 decimal places will be ignored.
p) Touch Tone (
) Key
i) When power is ON, the touchtone function is enable and the beep sound is generated output during
125ms and
sign is displayed on LCD.
ii) Selection of touchtone function is toggled by touchtone key.
iii) Output waveform.
VOA
VOC
fT=2kHz
125ms
3. ERROR CONDITIONS
a). Error Detection
System errors occur when:
i) The integral part of any calculation result exceeds 16 digits.
ii) The integral part of any memory calculation result exceeds 8-digit or when the integral part of any addend
or subtrahend to memory exceeds 8-digit.
iii) The integral part of a mark-up and markdown calculation result exceeds 8-digit.
iv) A division by zero is attempted.
v) An extraction of the square root of a negative number is attempted.
Rough Estimate Calculation results occur when:
The integral part of the result of any one of the standard four functions, percentage, square, reciprocal,
and power calculations exceeds 8-digit and is equal to 16-digit or less.
b). Error Indication
i) System error: "0” is indicated in the first-digit position and "E" in the sign-digit position.
ii) Rough Estimate Calculation result:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com