Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3424 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC3424 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
1
8-DIGIT CALCULATOR
DESCRIPTION
The SC3423 is a single-chip LSI CMOS calculator with 8-digit four
function arithmetic operations, single memory, extraction of square
root and percentage calculation functions, leading zero and trailing
zero suppression, chain calculations and internal debouncing and
encoding of keyboard inputs. It is designed for LCD operation with
3.0V power supply (either from solar cell or battery), auto-power off,
low power dissipation and single power supply making the SC3423
ideal for hand held calculators with low system cost.
FEATURES
* Number of digits - 8 digits (rough estimated calculation is possible).
* Calculations:
- Standard four functions (+ , - , x , +).
- Chain multiplication and division.
- Auto-constant calculation (constant multiplicand, divisor,
addend and subtrahend).
- Square and reciprocal calculations.
- Extraction of square root.
- Percentage calculations.
- Power calculations.
- Rough estimate calculations.
- Memory calculations.
* Decimal point system-complete floating decimal point system.
* Negative number indication: number + minus (-) sign.
SC3423 chip topography
11 12 13 14 15 16 17 18 19 20 21 22 23
24
25
26
27
28
29
30
31
32
35
36
38
39
41
42
43
44
45
46
47
1
2
3
4
5
6
7
8
9
10
40
37
33
* Display format: 8 digits & sign (-, E & M)
leading zero suppression
zero shift.
* Touch tone function and display.
* Punctuation comma display.
* Auto power off ability.
ORDERING INFORMATIOM
SC3423
Has on Chip Oscillator Resistor
Pinning Mirrored Type of SC3423
SC3425
SC3426
No Oscillator Resistor
Pinning Mirrored Type of SC3425
SC3424
ABSOLUTE MAXIMUM RATING
Characteristic
Symbol
Value
Unit
Supply Voltage
VDD - VSS
-0.3 ~ +3.5
V
Input Voltage
(Note: 1)
VIN
-0.3 ~ VDD +0.3
V
Resistance for CG
(Note: 2)
Rf
560
f5%
K
¡
Storage temperature
TSTG
-55 ~ +125
°C
Operating Temperature
TOPT
0~+50
°C
Note: 1.Maximum voltage on any pin with respect to the Vss.
2.Resistor value for CG is varied according to the floating capacitance on a printed circuit board.


Similar Part No. - SC3424

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC34 ZOWIE-SC34 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Littelfuse
SC3402-02ETG LITTELFUSE-SC3402-02ETG Datasheet
941Kb / 5P
5 V, 0.4 pF, 15 kV, SOD883, Ultra Low Capacitance ESD protection
01/22/26
logo
ON Semiconductor
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
SC34063A ONSEMI-SC34063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results

Similar Description - SC3424

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
10/12 DIGIT CALCULATOR
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
10/12 DIGIT CURRENCY CALCULATOR?
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
Integral Corp.
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
8-DIGIT CALCULATOR
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
8-DIGIT CALCULATOR WITH MARKER
logo
SHENZHEN FUMAN ELECTRON...
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
10/12 digit calculator
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
10/12 digit calculator
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
12-digit calculator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com