Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3424 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC3424
Description  8-DIGIT CALCULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3424 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC3424 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3424 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Silan
Semiconductors
SC3423
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
PAD
ASSIGNMENT
46 45 44 43 42 41 40 39 38 37 36 35
47
1
2
3
4
5
6
7
8
9
10
11
14 15 16 17 18 19 20 21 22
23
33
32
31
30
29
28
27
26
25
24
13
SC3423
S1
S2
VDD
H1
a1
b1
c1
c2
b3
Ti
Po
VSS
H3
H2
a9
b8
a8
c7
12
b7
a2
b2
a3
c8
Note: The IC substrate should be connected to VDD in the PCB layout artwork.
ELECTRICAL CHARACTERISTICS (Ta=25°C, VDD =3.0V,Unless otherwise specified)
Parameter
Symbo
l
Test conditions
Min
Typ
Max
Unit
VIH1
VDD-0.4
--
--
Input Voltage 1 ( Note: 3 )
VIL1
--
--
0.4
V
VIH2
VDD-0.4
--
--
Input Voltage 2 ( Note: 4 )
VIL2
--
--
0.2
V
IIH1
VIN=VDD
--
--
1
Input Current 1 ( Note: 5 )
IIL1
VIN=0V
--
5.5
10
µA
IIH2
VIN=VDD
--
--
1
Input Current 2 ( Note: 6 )
IIL2
VIN=0V
--
--
1
µA
IIH3
VIN=VDD
--
--
1
Input Current 3 ( Note: 4 )
IIL3
VIN=0V
S2=VSS
510
15
µA
IIH3
VIN=VDD
20
30
40
Input Current 3 ( Note: 4 )
IIL3
VIN=0V
S2= VDD
--
--
1
µA
VOH1
without load
VDD –0.15
--
--
Output Voltage 1 ( Note: 7 )
VOL1
IOUT=15
µA--
--
0.15
V
VOA
without load
2.80
2.95
--
VOB
without load
1.30
1.50
1.70
Output Voltage 2 ( Note: 8 )
VOC
without load
--
0
0.20
V
Display Frequency ( Note: 8 )
FD
VDD=3V, display on, Rf=560k
50
75
--
Hz
IOL
VDD=3V, VOL=0.5V,TI=3V
1.0
1.5
--
Touch Tone Output
Drive Current ( Note: 11 )
IOH
VDD=3V, VOH=2.5V,TI=0V
1.0
1.3
--
mA
IDD
Display off, ( Note: 9 )
--
--
0.1
Dissipation Current
VDD1
VDD=3V, display on, ( Note: 10 )
--
20
30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com