Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet (PDF) - Cirrus Logic

WM8960CGEFL/V Datasheet PDF - Cirrus Logic
Part # WM8960CGEFL/V
Download  WM8960CGEFL/V Download
File Size   2128.67 Kbytes
Page   94 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Speaker and Headphone Drivers for Portable Audio Applications

WM8960CGEFL/V Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8960CGEFL/V Datasheet PDF - Cirrus Logic

Part # WM8960CGEFL/V
Download  WM8960CGEFL/V Click to download

File Size   2128.67 Kbytes
Page   94 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Speaker and Headphone Drivers for Portable Audio Applications

WM8960CGEFL/V Datasheet (HTML) - Cirrus Logic


WM8960CGEFL/V Product details

DESCRIPTION
The WM8960 is a low power, high quality stereo CODEC designed for portable digital audio applications.
Stereo class D speaker drivers provide 1W per channel into 8Ω loads with a 5V supply. Low leakage, excellent PSRR and pop/click suppression mechanisms also allow direct battery connection to the speaker supply. Flexible speaker boost settings allow speaker output power to be maximised while minimising other analogue supply currents.
A highly flexible input configuration for up to three stereo sources is integrated, with a complete microphone interface. External component requirements are drastically reduced as no separate microphone, speaker or headphone amplifiers are required. Advanced on-chip digital signal processing performs automatic level control for the microphone or line input.

FEATURES
● DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
● ADC SNR 94dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
● Pop and click suppression
● 3D Enhancement
● Stereo Class D Speaker Driver
   - <0.1% THD with 1W per channel into 8Ω BTL speakers
   - 70dB PSRR @217Hz
   - 87% efficiency (1W output)
   - Flexible internal switching clock
● On-chip Headphone Driver
   - 40mW output power into 16 at 3.3V
   - Capless mode support
   - THD -75dB at 20mW, SNR 90dB with 16 load
● Microphone Interface
   - Pseudo differential for high noise immunity
   - Integrated low noise MICBIAS
   - Programmable ALC / Limiter and Noise Gate
● Low Power Consumption
● Low Supply Voltages
   - Analogue 2.7V to 3.6V (Speaker supply up to 5.5V)
   - Digital core and I/O: 1.71V to 3.6V
● On-chip PLL provides flexible clocking scheme
● Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
● 5x5x0.9mm QFN package

APPLICATIONS
● Games consoles
● Portable media / DVD players
● Mobile multimedia




Similar Part No. - WM8960CGEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960CGEFL/V WOLFSON-WM8960CGEFL/V Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results


Similar Description - WM8960CGEFL/V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
Headphone Amplifier for Portable Audio
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com