Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 4Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 5Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 6Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 10Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 11Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 94 page
background image
WM8960
8
Rev 4.4
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (LINPUT1/2 Differential, RINPUT1/2 Differential) to ADC out via MIC PGA
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
94
dB
AVDD = 2.7V
93
Total Harmonic Distortion Plus
Noise
THD+N
-3dBFs input,
AVDD = 3.3V
-86
0.005
dB
%
-3dBFs input,
AVDD = 2.7V
-80
0.01
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009
Analogue Inputs (LINPUT2, RINPUT2) to ADC out
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
84
94
dB
AVDD = 2.7V
93
Total Harmonic Distortion Plus
Noise
THD+N
-3dBFs input,
AVDD = 3.3V
-86
0.005
-80
dB
%
-3dBFs input,
AVDD = 2.7V
-80
0.01
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
-80
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009
Analogue Inputs (LINPUT3, RINPUT3) to ADC out
Signal to Noise Ratio
(A-weighted)
SNR
AVDD = 3.3V
94
dB
AVDD = 2.7V
93
Total Harmonic Distortion Plus
Noise
THD+N
-3dBFs input,
AVDD = 3.3V
-86
0.005
dB
%
-3dBFs input,
AVDD = 2.7V
-80
0.01
Total Harmonic Distortion
THD
-3dBFs input,
AVDD = 3.3V
-89
0.004
dB
%
-3dBFs input,
AVDD = 2.7V
-81
0.009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com