Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 65 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 65 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 61Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 62Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 63Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 64Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 65Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 66Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 67Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 68Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
WM8960
Rev 4.4
65
24
12.288
98.304
2
2
4
8.192
8h
3126E8h
26
11.2896
90.3168
2
2
4
6.947446
6h
F28BD4h
26
12.288
98.304
2
2
4
7.561846
7h
8FD525h
27
11.2896
90.3168
2
2
4
6.690133
6h
B0AC93h
27
12.288
98.304
2
2
4
7.281778
7h
482296h
Table 45 PLL Frequency Examples
WM8960
DACLRC
BCLK
DACDAT
ADCDAT
ADCLRC
MCLK
DAC fs = 48kHz
Bit clock = 3.072MHz
ADC fs = 48kHz
12.288MHz
CLKSEL=0
(PLL not used)
MS=1
(Master mode)
WL=10
(24-bit data)
SYSCLKDIV=0 (Divide by 1)
ADCDIV=000
(Divide by 1)
DACDIV=000
(Divide by 1)
BCLKDIV=0100 (Divide by 4)
Device running in master mode with 24-bit data
MCLK input at 12.288MHz
ADC and DAC running at fs=48kHz
BCLK running at 64fs
WM8960
DACLRC
BCLK
DACDAT
ADCDAT
ADCLRC
MCLK
DAC fs = 48kHz
Bit clock = 3.072MHz
ADC fs = 48kHz
12.288MHz
CLKSEL=0
(PLL not used)
MS=0
(Slave mode)
WL=10
(24-bit data)
SYSCLKDIV=0 (Divide by 1)
ADCDIV=000
(Divide by 1)
DACDIV=000
(Divide by 1)
Device running in slave mode with 24-bit data
MCLK input at 12.288MHz
ADC and DAC running at fs=48kHz
BCLK supplied from host at 64fs in this example
WM8960
DACLRC
BCLK
DACDAT
ADCDAT
ADCLRC
MCLK
DAC fs = 44.1kHz
Bit clock = 2.8224MHz
ADC fs = 8.018kHz
11.2896MHz
CLKSEL=0
(PLL not used)
MS=1
(Master mode)
WL=10
(24-bit data)
SYSCLKDIV=0 (Divide by 1)
ADCDIV=101
(Divide by 5.5)
DACDIV=000
(Divide by 1)
BCLKDIV=0100 (Divide by 4)
Device running in master mode with 24-bit data
MCLK input at 11.2896MHz
ADC running at fs=8.018kHz
DAC running at fs=44.1kHz
BCLK running at 64fs (relative to DAC sample rate, as
DAC is operating at a higher sample rate than ADC)
WM8960
DACLRC
BCLK
DACDAT
ADCDAT
ADCLRC
MCLK
DAC fs = 44.1kHz
Bit clock = 2.8224MHz
ADC fs = 8.018kHz
11.2896MHz
CLKSEL=0
(PLL not used)
MS=0
(Slave mode)
WL=10
(24-bit data)
SYSCLKDIV=0 (Divide by 1)
ADCDIV=101
(Divide by 5.5)
DACDIV=000
(Divide by 1)
Device running in slave mode with 24-bit data
MCLK input at 11.2896MHz
ADC running at fs=8.018kHz
DAC running at fs=44.1kHz
BCLK supplied from host at 64fs in this example (relative
to DAC sample rate, as DAC is operating at a higher
sample rate than ADC)
WM8960
DACLRC
BCLK
DACDAT
ADCDAT
ADCLRC
MCLK
DAC fs = 44.1kHz
Bit clock = 2.8224MHz
ADC fs = 8.018kHz
12MHz
PLLEN=1
(PLL enable)
PLLPRESCALE=0 (Divide by 1)
PLLN=7h
(PLL N value)
PLLK=86C226h
(PLL K value)
SDM=1
(Fractional mode)
CLKSEL=1
(PLL select)
MS=1
(Master mode)
WL=10
(24-bit data)
SYSCLKDIV=2
(Divide by 2)
ADCDIV=101
(Divide by 5.5)
DACDIV=000
(Divide by 1)
BCLKDIV=0100
(Divide by 4)
DCLKDIV=111
(Divide by 16)
Device running in master mode with 24-bit data
MCLK input at 12MHz
PLL Enabled and configured for SYSCLK=11.2896MHz
ADC running at fs=8.018kHz
DAC running at fs=44.1kHz
BCLK running at 64fs (relative to DAC sample rate, as
DAC is operating at a higher sample rate than ADC)
Class D clocks running at 705.6kHz
Table 46 Example Clocking Schemes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com