Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 18Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 19Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 20Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 21Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 22Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 23Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 24Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 25Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 94 page
background image
WM8960
22
Rev 4.4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Power
Management
(1)
5
AINL
0
Left channel input PGA and boost
stage enable
0 = PGA disabled, boost disabled
1 = PGA enabled (if LMIC = 1),
boost enabled
4
AINR
0
Right channel input PGA and boost
stage enable
0 = PGA disabled, boost disabled
1 = PGA enabled (if LMIC = 1),
boost enabled
R47 (2Fh)
Power
Management
(3)
5
LMIC
0
Left channel input PGA enable
0 = PGA disabled
1 = PGA enabled (if AINL = 1)
4
RMIC
0
Right channel input PGA enable
0 = PGA disabled
1 = PGA enabled (if AINR = 1)
Table 2 Input PGA and Boost Enable Register Settings
The
input
PGAs
can
be
configured
as
differential
inputs,
using
LINPUT1/LINPUT2
or
LINPUT1/LINPUT3, and RINPUT1/RINPUT2 or RINPUT1/RINPUT3. The input impedance to these
non-inverting inputs is constant in this configuration. Differential configuration is controlled by LMP2,
LMP3, RMP2 and RMP3 as shown in Table 3.
When single-ended configuration is selected, the non-inverting input of the PGA is connected to
VMID.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32 (20h)
ADCL Input
Signal Path
3
LMIC2B
0
Connect Left Input PGA to Left Input Boost
mixer
0 = Not connected
1 = Connected
6
LMP2
0
Connect LINPUT2 to non-inverting input of
Left Input PGA
0 = LINPUT2 not connected to PGA
1 = LINPUT2 connected to PGA (Constant
input impedance)
7
LMP3
0
Connect LINPUT3 to non-inverting input of
Left Input PGA
0 = LINPUT3 not connected to PGA
1 = LINPUT3 connected to PGA (Constant
input impedance)
8
LMN1
1
Connect LINPUT1 to inverting input of Left
Input PGA
0 = LINPUT1 not connected to PGA
1 = LINPUT1 connected to PGA
R33 (21h)
ADCR Input
Signal Path
3
RMIC2B
0
Connect Right Input PGA to Right Input
Boost mixer
0 = Not connected
1 = Connected
6
RMP2
0
Connect RINPUT2 to non-inverting input of
Right Input PGA
0 = RINPUT2 not connected to PGA
1 = RINPUT2 connected to PGA (Constant
input impedance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com