Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 1 Page - Cirrus Logic

  WM8960CGEFL/V Datasheet HTML 1Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 2Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 3Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 4Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 5Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 6Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Stereo CODEC with 1W Stereo Class-D Speaker Drivers and
Headphone Drivers for Portable Audio Applications
http://www.cirrus.com
Copyright
 Cirrus Logic, Inc., 2006–2019
(All Rights Reserved)
Rev 4.4
JAN
‘19
WM8960
DESCRIPTION
The WM8960 is a low power, high quality stereo CODEC
designed for portable digital audio applications.
Stereo class D speaker drivers provide 1W per channel into 8
loads with a 5V supply. Low leakage, excellent PSRR and
pop/click suppression mechanisms also allow direct battery
connection to the speaker supply. Flexible speaker boost
settings allow speaker output power to be maximised while
minimising other analogue supply currents.
A highly flexible input configuration for up to three stereo
sources is integrated, with a complete microphone interface.
External component requirements are reduced as no separate
microphone, speaker or headphone amplifiers are required.
Advanced on-chip digital signal processing performs automatic
level control for the microphone or line input.
Stereo 24-bit sigma-delta ADCs and DACs are used with low
power over-sampling digital interpolation and decimation filters
and a flexible digital audio interface.
The master clock can be input directly or generated internally by
an onboard PLL, supporting most commonly-used clocking
schemes.
The WM8960 operates at analogue supply voltages down to
2.7V, although the digital supplies can operate at voltages down
to 1.71V to save power. The speaker supply can operate at up
to 5.5V, providing 1W per channel into 8
 loads. Unused
functions can be disabled using software control to save power.
The WM8960 is supplied in a very small and thin 5x5mm QFN
package, ideal for use in hand-held and portable systems.
FEATURES
DAC SNR 98dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
ADC SNR 94
dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
Pop and click suppression
3D Enhancement
Stereo Class D Speaker Driver
-
<0.1% THD with 1W per channel into 8
 BTL speakers
-
70dB PSRR @217Hz
-
87% efficiency (1W output)
-
Flexible internal switching clock
On-chip Headphone Driver
-
40mW output power into 16
 at 3.3V
-
Capless mode support
-
THD -75dB at 20mW, SNR 90dB with 16
 load
Microphone Interface
-
Pseudo differential for high noise immunity
-
Integrated low noise MICBIAS
-
Programmable ALC / Limiter and Noise Gate
Low Power Consumption
Low Supply Voltages
-
Analogue 2.7V to 3.6V (Speaker supply up to 5.5V)
-
Digital core and I/O: 1.71V to 3.6V
On-chip PLL provides flexible clocking scheme
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48
5x5x0.9mm QFN package
APPLICATIONS
Games consoles
Portable media / DVD players
Mobile multimedia
CONTROL
INTERFACE
MICBIAS
DCVDD
DBVDD
DGND
DAC
-73 to 6dB
1dB steps,
mute
HP_L
HP_R
ADCREF,
DACREF
50K
50K
DAC
DIGITAL AUDIO
INTERFACE
A-law and u-law support
ADC
ADC
PLL
LINPUT2
LINPUT1
LEFT
MIXER
RIGHT
MIXER
RINPUT 1
ADC
DIGITAL
FILTERS
ALC
VOLUME
-17.25 to +30dB,
0.75dB steps
INPUT
PGAs
OUT 3
LINPUT3/
JD2
RINPUT3/
JD3
0, 13, 20,
29dB,
mute
+
-
vmid
+
-12 -> 6dB,
3dB steps,
mute
-17.25 to +30dB,
0.75dB steps
0, 13, 20,
29dB,
mute
+
-
vmid
+
-12 -> 6dB,
3dB steps,
mute
RINPUT2
SPK_LP
SPK_LN
SPK_RP
SPK_RN
SPKGND1
SPKVDD1
MONO
MIXER
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
0 to -21dB,
3dB steps
-73 to 6dB
1dB steps,
mute
0dB / -6dB
-73 to 6dB
1dB steps,
mute
+BOOST
CLASS D
CLASS D
-73 to 6dB
1dB steps,
mute
+BOOST
DAC
DIGITAL
FILTERS
DE-
EMPHASIS
3D ENHANCE
VOLUME
-12 -> 6dB,
3dB steps,
mute
-12 -> 6dB,
3dB steps,
mute
Jack Detect
Jack Detect
GPIO1
SPKGND2
SPKVDD2
WM8960


Similar Part No. - WM8960CGEFL/V

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8960CGEFL/V WOLFSON-WM8960CGEFL/V Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results

Similar Description - WM8960CGEFL/V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
Headphone Amplifier for Portable Audio
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29 Datasheet
978Kb / 85P
STWREO AUDIO CODEC WITH INTERGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
Texas Instruments
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8960 WOLFSON-WM8960_11 Datasheet
1Mb / 91P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com