Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 11 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 11 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 7Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 8Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 9Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 10Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 11Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 12Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 13Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 14Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
WM8960
Rev 4.4
11
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = SPKVDD1 = SPKVDD2 = 3.3V, TA = +25
oC, 1kHz signal, fs = 48kHz, PGA gain = 0dB,
24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Supply Leakage current
ISPKVDD
SPKVDD1=SPKVDD2
=5V;
All other supplies
disconnected
1
uA
SPKVDD1=SPKVDD2
=5V;
All other supplies 0V
1
uA
Power Supply Rejection Ratio
(100mV ripple on
SPKVDD1/SPKVDD2 @217Hz)
PSRR
DAC to speaker playback
80
dB
L/RINPUT3 to speaker
playback
80
dB
Analogue Reference Levels
Midrail Reference Voltage
VMID
–3%
AVDD/2
+3%
V
Microphone Bias
Bias Voltage
VMICBIAS
3mA load current
MBSEL=0
–5%
0.9
AVDD
+ 5%
V
3mA load current
MBSEL=1
–5%
0.65
AVDD
+ 5%
V
Bias Current Source
IMICBIAS
3
mA
Output Noise Voltage
Vn
1kHz to 20kHz
15
nV/
Hz
Digital Input / Output
Input HIGH Level
VIH
0.7
DBVDD
V
Input LOW Level
VIL
0.3
DBVDD
V
Output HIGH Level
VOH
IOL=1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOH=-1mA
0.1
DBVDD
V
Input capacitance
10
pF
Input leakage
-0.9
0.9
uA
OUTPUT PGA GAIN
Output PGA Gains (Target gain, not measured)
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
20
40
60
80
100
120
140
Volume Register Setting
Figure 1 Output PGA Gains (LOUT1VOL, ROUT1VOL, SPKLVOL, SPKRVOL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com