Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8960CGEFL/V Datasheet(PDF) 79 Page - Cirrus Logic

Part # WM8960CGEFL/V
Description  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL/V Datasheet(HTML) 79 Page - Cirrus Logic

Back Button WM8960CGEFL/V Datasheet HTML 75Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 76Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 77Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 78Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 79Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 80Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 81Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 82Page - Cirrus Logic WM8960CGEFL/V Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
WM8960
Rev 4.4
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
DIGENB
0
Master Clock Disable
0 = Master clock enabled
1 = Master clock disabled
Power
Management
R26 (1Ah)
Power
Mgmt (2)
8
DACL
0
DAC Left
0 = Power down
1 = Power up
Power
Management
7
DACR
0
DAC Right
0 = Power down
1 = Power up
Power
Management
6
LOUT1
0
LOUT1 Output Buffer
0 = Power down
1 = Power up
Power
Management
5
ROUT1
0
ROUT1 Output Buffer
0 = Power down
1 = Power up
Power
Management
4
SPKL
0
SPK_LP/SPK_LN Output Buffers
0 = Power down
1 = Power up
Power
Management
3
SPKR
0
SPK_RP/SPK_RN Output Buffers
0 = Power down
1 = Power up
Power
Management
2
0
Reserved
1
OUT3
0
OUT3 Output Buffer
0 = Power down
1 = Power up
Power
Management
0
PLL_EN
0
PLL Enable
0 = Power down
1 = Power up
Power
Management
R27 (1Bh)
Additional
Control (3)
8:7
00
Reserved
6
VROI
0
VREF to Analogue Output Resistance (Disabled
Outputs)
0 = 500
 VMID to output
1 = 20k
 VMID to output
Enabling the
Outputs
5
0
Reserved
4
0
Reserved
3
OUT3CAP
0
Capless Mode Headphone Switch Enable
0 = OUT3 unaffected by jack detect events
1 = OUT3 enabled and disabled together with
HP_L and HP_R in response to jack detect
events
Headphone Jack
Detect
2:0
ADC_ALC_SR
000
ALC Sample Rate
000 = 44.1k / 48k
001 = 32k
010 = 22.05k / 24k
011 = 16k
100 = 11.25k / 12k
101 = 8k
110 and 111 = Reserved
Automatic Level
Control
R28 (1Ch)
Anti-Pop 1
8
0
Reserved
7
POBCTRL
0
Selects the bias current source for output
amplifiers and VMID buffer
0 = VMID / R bias
1 = VGS / R bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com