Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet (PDF) - 3M Electronics

IMC Datasheet PDF - 3M Electronics
Part # IMC
Download  IMC Download
File Size   325.99 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description LifeASSURE™ IMC Series Filter Cartridge

IMC Datasheet (PDF)

Go To PDF Page Download Datasheet
IMC Datasheet PDF - 3M Electronics

Part # IMC
Download  IMC Click to download

File Size   325.99 Kbytes
Page   4 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description LifeASSURE™ IMC Series Filter Cartridge

IMC Datasheet (HTML) - 3M Electronics


IMC Product details

Features
■ Enhanced contaminant reduction capacity results in longer lifetime than competitive
■ filter cartridges
■ Economic alternative to PTFE filter cartridges
■ Advanced Pleat Technology
■ Superior flow characteristics in a compact design reduces the number of require
■ filter elements
■ Increased flow rates provide faster bath clean-up and reduced energy consumption
■ Provides a low differential pressure to minimize micro-bubble formation
■ Increased throughput and filter lifetime which lowers cost-of-ownership LifeASSURE™ IMC Series Filter Cartridge LifeASSURE™ IMC filter cartridges are high efficiency naturally hydrophilic Nylon 6,6 filter elements designed to meet the exacting requirements of DI water, critical parts cleaning, and chemical applications. Utilizing multi-zone microporous membrane and Advanced Pleat Technology (APT), LifeASSURE IMC filter cartridges provide superior flow characteristics with minimal pressure drop. Increasing flow while maintaining filter efficiency results in particle specifications being achieved in less time. This decrease in processing time results in lower total filtration costs — reduced energy consumption, pump wear, and labor. The naturally hydrophilic Nylon 6,6 membrane in an all polypropylene construction, provides low extractables, increased filter life, and superior contaminant reduction as compared to other membrane cartridges. LifeASSURE IMC filter cartridges are ideally suited for DI water, critical parts cleaning, and numerous chemical applications where high efficiency contaminant reduction at 0.1 μm, 0.2 μm and 0.45 μm is required. Multi-zone Microporous Membrane Technology LifeASSURE IMC filter cartridges incorporate 3M Purification’s multi-zone microporous membrane technology to maximize contaminant holding capacity while maintaining particle reduction efficiency. Microporous membrane consists of a higher porosity (more open) zone on the up stream section and a lower porosity (tighter) section on the down stream side. The higher porosity zone on the up stream side provides effective prefiltration of large particles resulting in higher contaminant reduction capacity and increased filter life time. The lower porosity zone on the down stream section provides a sharp retention cut-off at the rated pore size. As shown in SEM micro graph (Figure 1) the multi-zone structure enhances the surface area, lowers pressure drop, and increases contaminant holding capacity and filter lifetime thereby eliminating the need for more costly filters constructed with a double layer of membrane.




Similar Part No. - IMC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
IMC TEC-IMC Datasheet
251Kb / 4P
The Industrial Micro Connector Series are unsealed connectors constructed from
logo
Vishay Siliconix
IMC-0402 VISHAY-IMC-0402 Datasheet
25Kb / 1P
High Frequency, Surface Mount, Laser Spiral, Coated Inductors
16-May-03
IMC-0402 VISHAY-IMC-0402 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
More results


Similar Description - IMC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159640 FESTO-159640 Datasheet
104Kb / 1P
Filter cartridge
3/10/22
159641 FESTO-159641 Datasheet
105Kb / 1P
Filter cartridge
3/10/22
363664 FESTO-363664 Datasheet
69Kb / 1P
Filter cartridge
3/10/22
363665 FESTO-363665 Datasheet
69Kb / 1P
Filter cartridge
3/10/22
526818 FESTO-526818 Datasheet
106Kb / 1P
Filter cartridge
3/10/22
534500 FESTO-534500 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
534502 FESTO-534502 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
537143 FESTO-537143 Datasheet
76Kb / 1P
Filter cartridge
3/10/22
8081360 FESTO-8081360 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
8081365 FESTO-8081365 Datasheet
57Kb / 1P
Filter cartridge
3/10/22
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com