Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet(PDF) 3 Page - 3M Electronics

Part # IMC
Description  LifeASSURE??IMC Series Filter Cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

IMC Datasheet(HTML) 3 Page - 3M Electronics

  IMC Datasheet HTML 1Page - 3M Electronics IMC Datasheet HTML 2Page - 3M Electronics IMC Datasheet HTML 3Page - 3M Electronics IMC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
LifeASSURE™ IMC Series Filter Cartridge
Chart 2. 10 in. Cartridge Typical Water Flow Rates
LifeASSURE™ IMC Cartridge Construction
LifeASSURE™ IMC filter cartridges are constructed of high
efficiency, naturally hydrophilic, single layer Nylon 6,6
membrane. The cage, core, end caps, and membrane supports are
made of polypropylene. No adhesives, binders, or surfactants are
used in the manufacturing process. Cartridges are manufactured
and bagged in a clean environment under an ISO certified quality
system using advanced thermosplastic welding techniques to
ensure filter integrity out of the package.
0.5
0.10
0.05
Flow Rate (gpm) @ 77°F (25°C)
Flow Rate (lpm) @ 77°F (25°C)
0
1
1.5
2
2
4
6
8
10
0
IMC
045
IMC
065
IMC
080
0
5 10 15 20
30 35
25
0.15
Cartridge Component
Membrane
Multi-Zone Microporous Naturally Hydrophilic Nylon 6,6
Cage, Core, End-Caps, and Media Support Layers
Polypropylene
Cartridge Dimensions
Filtration Surface Area
10 in. element* = 11.0 ft.2 (1.02m2)
Nominal Outside Diameter
2-3/4 in. (7cm)
Nominal Length
10 in. (25.4cm), 20 in. (50.8cm), 30 in. (76.2cm)
Operating Parameters
Maximum Operation Temperature
176°F (80°C) for 30 minutes
Maximum Differential Pressure
Forward: 80 psid @ 77°F (5.5 bar @ 25°C)
35 psid @ 176°F (2.4 bar @ 80°C)
Recommended Filter Change-out Differential Pressure
35 psid (2.4 bar)
Reduction Ratings
0.1μm, 0.2μm, 0.45μm
*For 20- and 30-inch elements, multiply by 2 and 3 respectively.
Various O-Ring
Materials
End Cap
Adapter
Multi-Zone
Media
Inner Core &
Outer Cage
Support
Layers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com