Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet(PDF) 2 Page - 3M Electronics

Part # IMC
Description  LifeASSURE??IMC Series Filter Cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

IMC Datasheet(HTML) 2 Page - 3M Electronics

  IMC Datasheet HTML 1Page - 3M Electronics IMC Datasheet HTML 2Page - 3M Electronics IMC Datasheet HTML 3Page - 3M Electronics IMC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LifeASSURE™ IMC Series Filter Cartridge
Superior Gel Reduction Provided by APT
Normally a small amount of gel particles can be found in DI
water and chemicals. Their reduction from these fluids is highly
dependent on differential pressure across the filtration system.
Since these gels are deformable, they can extrude through a filter
at high differential pressures. At low differential pressures, the
forces that would deform gels are correspondingly lower and
the gels are retained by the membrane media. 3M Purification
has been able to maximize filtration surface area, which assures
a low differential pressure, making it ideal for gel reduction.
The increase infiltration surface area is achieved by using the
Advanced Pleat Technology.
The service life of a pleated filter cartridge is often dictated
by the accessible surface area. Conventional pleated filters may
offer a large gross surface area, but when the media is packed
into the cartridge, only part of the surface area is used resulting
in both flow restrictions and limited contaminant holding
capacity. The “blind” or unused area commonly occurs near
the inside diameter (Figure 2) where the pleats are most
tightly compressed. The LifeASSURE™ IMC filter cartridge
is manufactured using a staggered and stepped configuration
(Figure 3) which reduces the open space between the outside
pleats. This novel technology maximizes capacity by increasing
the open area which allows for greater particle loading at the
inside diameter, while the shorter stepped pleats take advantage
of existing open space closer to the outside diameter of the
cartridge. The result is a fully used surface area that provides
superior filter life.
Enhanced Filter Lifetime
The data in Chart 1 illustrates the through put advantage of the
LifeASSURE IMC filter — indicative of both enhanced service
life and greater contaminant holding capacity. When compared
to competitive products, the available grades of LifeASSURE
IMC allow the users to select equivalent effluent quality
with vastly superior life, or, improve the effluent quality with
reduced, yet competitively superior, service life. Either way the
result is the same —LifeASSURE IMC filters allow significantly
more through put than competitive filters and provide as much
as twice the service life.
Benefits of Higher Per-Cartridge Flow Rates
The novel construction of the LifeASSURE IMC results
in a higher per cartridge flow rate at the same pressure drop
as compared to competitive filters. This can reduce filtration
costs two ways:
Less Frequent Filter Change-outs — For existing applications
at a given flow rate, filter cartridges with more surface area
per cartridge have a lower flux (flow per unit surface area)
than filters cartridges with less surface area. Since filter life
time is inversely proportional to flux (lower flux = longer filter
life) in most applications. LifeASSURE IMC filter cartridges
provide longer life and require fewer filter cartridge change-outs.
Reduced Filter Housing Costs — A filter cartridge that can
deliver a higher flow rate at the same pressure drop when
compared to competitive products will reduce filtration costs
because fewer filters are required for the system. This in turn,
allows for the use of smaller and less costly filter housings
which reduces initial capital investment, filter change-out
time, and total cost-of-owner ship for the life of the process.
Chart 2 provides the typical flow rate vs. pressure drop data
for the three grades of LifeASSURE IMC (0.1 μm, 0.2 μm and
0.45 μm) available.
Figure 2. Conventional Pleat Design
Figure 3. Advanced Pleat Technology
Chart 1. Comparative Throughput
0
1 0
20
30
40
5 0
60
7 0
80
90
100
3M™ LifeASSURE™
IMC
Competitor P
Competitor Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com