Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet(PDF) 4 Page - 3M Electronics

Part # IMC
Description  LifeASSURE??IMC Series Filter Cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

IMC Datasheet(HTML) 4 Page - 3M Electronics

  IMC Datasheet HTML 1Page - 3M Electronics IMC Datasheet HTML 2Page - 3M Electronics IMC Datasheet HTML 3Page - 3M Electronics IMC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Your local distributor:
3M Purification Inc.
3M Separation and Purification Sciences Division
400 Research Parkway
Meriden, CT 06450 USA
Phone
1-800-243-6894
1-203-237-5541
Fax
1-203-630-4530
Web
3Mpurification.com
Technical Information
The technical information, guidance, and other statements contained in this document or otherwise provided by 3M are based upon records, tests, or experience that
3M believes to be reliable, but the accuracy, completeness, and representative nature of such information is not guaranteed. Such information is intended for people
with knowledge and technical skills sufficient to assess and apply their own informed judgment to the information. No license under any 3M or third party intellectual
property rights is granted or implied with this information.
Product Selection and Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of a 3M product in a particular application. As a
result, customer is solely responsible for evaluating the product and determining whether it is appropriate and suitable for customer’s application, including conducting a
workplace hazard assessment and reviewing all applicable regulations and standards (e.g., OSHA, ANSI, etc.). Failure to properly evaluate, select, and use a 3M product
and appropriate safety products, or to meet all applicable safety regulations, may result in injury, sickness, death, and/or harm to property.
Warranty, Limited Remedy, and Disclaimer
Unless a different warranty is specifically stated on the applicable 3M product packaging or product literature (in which case such warranty governs), 3M warrants that
each 3M product meets the applicable 3M product specification at the time 3M ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS
OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR
ARISING OUT OF A COURSE OF DEALING, CUSTOM, OR USAGE OF TRADE. If a 3M product does not conform to this warranty, then the sole and exclusive remedy is,
at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability
Except for the limited remedy stated above, and except to the extent prohibited by law, 3M will not be liable for any loss or damage arising from or related to the 3M
product, whether direct, indirect, special, incidental, or consequential (including, but not limited to, lost profits or business opportunity), regardless of the legal or equitable
theory asserted, including, but not limited to, warranty, contract, negligence, or strict liability.
LifeASSURE is a trademark of 3M Company.
All other trademarks are the property of their respective owners.
© 2018 3M Company. All rights reserved.
70020188895 REV 0418sr
LifeASSUREIMC Series Filter Cartridge Ordering Guide
Cartridge
Reduction
Rating (µm)
Configuration
Length
(inches)
End Modification
Gasket/O-ring Material
IMC
010 – 0.1
020 – 0.2
045 – 0.45
F
01 – 10
02 – 20
03 – 30
B – 226 O-ring & Spear (Code 7)
C – 222 O-ring & Spear (Code 8)
D – Double Open End (10 in. length)
E – Double Open End (9-3/4 in. length)
F – 222 O-ring & Flat Cap (Code 3)
A – Silicone
B – Fluorocarbon
C – EPR
PLEASE NOTE: The Ordering Guide above is for reference only. Not all combinations are available.
Please consult with your 3M Representative to determine the appropriate part number for your application.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com