Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMC Datasheet(PDF) 1 Page - 3M Electronics

Part # IMC
Description  LifeASSURE™ IMC Series Filter Cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

IMC Datasheet(HTML) 1 Page - 3M Electronics

  IMC Datasheet HTML 1Page - 3M Electronics IMC Datasheet HTML 2Page - 3M Electronics IMC Datasheet HTML 3Page - 3M Electronics IMC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M Separation and Purification Sciences Division
Data Sheet
Features & Benefits
Multi-Zone Naturally Hydrophilic Nylon 6,6 Membrane
• No IPA pre-wetting and system flushing required — avoids a potential source
of contamination and chemical interaction, while reducing downtime and hazardous
waste disposal
• Reduces potential for microbubble formation by not dewetting in outgassing fluid
unlike hydrophobic membranes such as Polypropylene, Polyethylene, and PTFE
• Enhanced contaminant reduction capacity results in longer lifetime than competitive
filter cartridges
• Economic alternative to PTFE filter cartridges
Advanced Pleat Technology
• Superior flow characteristics in a compact design reduces the number of require
filter elements
• Increased flow rates provide faster bath clean-up and reduced energy consumption
• Provides a low differential pressure to minimize micro-bubble formation
• Increased throughput and filter lifetime which lowers cost-of-ownership
LifeASSURE™ IMC
Series Filter Cartridge
LifeASSURE™ IMC filter cartridges are high efficiency naturally hydrophilic Nylon
6,6 filter elements designed to meet the exacting requirements of DI water, critical
parts cleaning, and chemical applications. Utilizing multi-zone microporous membrane
and Advanced Pleat Technology (APT), LifeASSURE IMC filter cartridges provide superior
flow characteristics with minimal pressure drop. Increasing flow while maintaining filter
efficiency results in particle specifications being achieved in less time. This decrease in
processing time results in lower total filtration costs — reduced energy consumption,
pump wear, and labor.
The naturally hydrophilic Nylon 6,6 membrane in an all polypropylene construction,
provides low extractables, increased filter life, and superior contaminant reduction as
compared to other membrane cartridges. LifeASSURE IMC filter cartridges are ideally
suited for DI water, critical parts cleaning, and numerous chemical applications where
high efficiency contaminant reduction at 0.1 μm, 0.2 μm and 0.45 μm is required.
Multi-zone Microporous Membrane Technology
LifeASSURE IMC filter cartridges incorporate 3M Purification’s multi-zone microporous
membrane technology to maximize contaminant holding capacity while maintaining
particle reduction efficiency. Microporous membrane consists of a higher porosity (more
open) zone on the up stream section and a lower porosity (tighter) section on the down
stream side. The higher porosity zone on the up stream side provides effective pre-
filtration of large particles resulting in higher contaminant reduction capacity and
increased filter life time. The lower porosity zone on the down stream section provides
a sharp retention cut-off at the rated pore size. As shown in SEM micro graph (Figure 1)
the multi-zone structure enhances the surface area, lowers pressure drop, and increases
contaminant holding capacity and filter lifetime thereby eliminating the need for more
costly filters constructed with a double layer of membrane.
Figure 1. EM Showing the
Multi-Zone Structure


Similar Part No. - IMC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
IMC TEC-IMC Datasheet
251Kb / 4P
The Industrial Micro Connector Series are unsealed connectors constructed from
logo
Vishay Siliconix
IMC-0402 VISHAY-IMC-0402 Datasheet
25Kb / 1P
High Frequency, Surface Mount, Laser Spiral, Coated Inductors
16-May-03
IMC-0402 VISHAY-IMC-0402 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
More results

Similar Description - IMC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
159640 FESTO-159640 Datasheet
104Kb / 1P
Filter cartridge
3/10/22
159641 FESTO-159641 Datasheet
105Kb / 1P
Filter cartridge
3/10/22
363664 FESTO-363664 Datasheet
69Kb / 1P
Filter cartridge
3/10/22
363665 FESTO-363665 Datasheet
69Kb / 1P
Filter cartridge
3/10/22
526818 FESTO-526818 Datasheet
106Kb / 1P
Filter cartridge
3/10/22
534500 FESTO-534500 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
534502 FESTO-534502 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
537143 FESTO-537143 Datasheet
76Kb / 1P
Filter cartridge
3/10/22
8081360 FESTO-8081360 Datasheet
58Kb / 1P
Filter cartridge
3/10/22
8081365 FESTO-8081365 Datasheet
57Kb / 1P
Filter cartridge
3/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com