Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84314AY02 Datasheet (PDF) - Integrated Circuit Systems

ICS84314AY02 Datasheet PDF - Integrated Circuit Systems
Part # ICS84314AY02
Download  ICS84314AY02 Download
File Size   196.2 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER

ICS84314AY02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS84314AY02 Datasheet PDF - Integrated Circuit Systems

Part # ICS84314AY02
Download  ICS84314AY02 Click to download

File Size   196.2 Kbytes
Page   17 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 700MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER

ICS84314AY02 Datasheet (HTML) - Integrated Circuit Systems


ICS84314AY02 Product details

GENERAL DESCRIPTION
The ICS84314-02 is a general purpose quad output frequency synthesizer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. When the device uses parallel loading, the M bits are programmable and the output divider is hard-wired for divide by 2 thus providing a frequency range of 125MHz to 350MHz. In serial programming mode, the M bits are programmable and the output divider can be set for either divide by 1, 2, 4 or divide by 8, providing a frequency range of 31.25MHz to 700MHz. Additionally, the device supports spread spectrum clocking (SSC) for minimizing Electromagnetic Interference (EMI). The low cycle-cycle jitter and broad frequency range of the ICS84314-02 make it an ideal clock generator for a variety of demanding applications which require high performance.

FEATURES
• Fully integrated PLL
• Four differential 3.3V or 2.5V LVPECL outputs
• Selectable crystal oscillator interface or LVCMOS/LVTTL TEST_CLK input
• Output frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Supports Spread Spectrum Clocking (SSC)
• Parallel interface for programming counter and output dividers during power-up
• Serial 3 wire interface
• Cycle-to-cycle jitter: 20ps (typical)
• Output skew: TBD
• Output duty cycle: TBD
• Full 3.3V or mixed 3.3V core, 2.5V output operating supply
• 0°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-complaint packages




Similar Part No. - ICS84314AY02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314AY ICST-ICS84314AY Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84314AYLF ICST-ICS84314AYLF Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84314AYLFT ICST-ICS84314AYLFT Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84314AYT ICST-ICS84314AYT Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
More results


Similar Description - ICS84314AY02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84314 ICST-ICS84314 Datasheet
222Kb / 18P
350MHZ, CRYSTAL-TO-3.3V/2.5V LVPECL FREQUENCY SYNTHESIZER W/FANOUT BUFFER
REV. C JANUARY 27, 2005
ICS84327 ICST-ICS84327 Datasheet
249Kb / 10P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84324 ICST-ICS84324 Datasheet
177Kb / 14P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. A SEPTEMBER 18, 2003
ICS84325 ICST-ICS84325 Datasheet
280Kb / 15P
CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
REV. B OCTOBER 11, 2004
ICS843246 ICST-ICS843246 Datasheet
202Kb / 15P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
ICS843256 ICST-ICS843256 Datasheet
212Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
REV. A NOVEMBER 29, 2005
logo
Integrated Device Techn...
ICS843246I IDT-ICS843246I Datasheet
345Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
843246I IDT-843246I Datasheet
323Kb / 18P
Femtoclocks Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
logo
Renesas Technology Corp
843246I RENESAS-843246I Datasheet
548Kb / 19P
Femtoclocks™ Crystal-to-3.3V LVPECL Frequency Synthesizer W/Integrated Fanout Buffer
December 8, 2015
84314 RENESAS-84314 Datasheet
458Kb / 20P
350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com