Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP7000SW1 Datasheet (PDF) - Vaishali Semiconductor

TSOP7000SW1 Datasheet PDF - Vaishali Semiconductor
Part # TSOP7000SW1
Download  TSOP7000SW1 Download
File Size   201.84 Kbytes
Page   8 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description IR Receiver for High Data Rate PCM at 455 kHz

TSOP7000SW1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSOP7000SW1 Datasheet PDF - Vaishali Semiconductor

Part # TSOP7000SW1
Download  TSOP7000SW1 Click to download

File Size   201.84 Kbytes
Page   8 Pages
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor
Description IR Receiver for High Data Rate PCM at 455 kHz

TSOP7000SW1 Datasheet (HTML) - Vaishali Semiconductor


TSOP7000SW1 Product details

Description
The TSOP7000SW1 is a miniaturized receiver for infrared remote control and IR data transmission. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter.
The demodulated output signal can directly be decoded by a microprocessor. The main benefit is the operation with high data rates and long distances.
   
Features
• Photo detector and preamplifier in one
    package
• Internal Bandfilter for PCM frequency
• Internal shielding against electrical field
    disturbance
• TTL and CMOS compatibility
• Output active low
• Small size package
   
Special Features
• Data rate 20 kbit/s
• Supply voltage 2.7 - 5.5 V
• Short settling time after power on
• High envelope duty cycle can be received
• Enhanced immunity against disturbance
    from energy saving lamps
   




Similar Part No. - TSOP7000SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP7000 VISHAY-TSOP7000 Datasheet
1Mb / 7P
IR Receiver for High Data Rate PCM at 455kHz
13-Mar-01
More results


Similar Description - TSOP7000SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP7000 VISHAY-TSOP7000 Datasheet
1Mb / 7P
IR Receiver for High Data Rate PCM at 455kHz
13-Mar-01
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
IR RECEIVER FOR DATA COMMUNICATION
logo
Vishay Siliconix
TSOP5700 VISHAY-TSOP5700 Datasheet
758Kb / 19P
IR Receiver for High Data Rate PCM at 455 kHz
14-Aug-03
logo
ATMEL Corporation
U2538B ATMEL-U2538B_05 Datasheet
201Kb / 9P
IR Receiver for Data Communication
logo
Oscilent Corporation
664-455-18 OSCILENT-664-455-18 Datasheet
132Kb / 2P
455 KHz Discriminator
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
455 KHz Discriminator
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
IR Receiver Modules for Data Transmission
22-Aug-14
logo
Balluff Korea Ltd.
BIS000C BALLUFF-BIS000C Datasheet
104Kb / 2P
LF (70/455 kHz)
logo
Vishay Siliconix
TSDP343 VISHAY-TSDP343_V01 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
TSDP341 VISHAY-TSDP341_V02 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com