Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP7000SW1 Datasheet(PDF) 3 Page - Vaishali Semiconductor

Part # TSOP7000SW1
Description  IR Receiver for High Data Rate PCM at 455 kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP7000SW1 Datasheet(HTML) 3 Page - Vaishali Semiconductor

  TSOP7000SW1 Datasheet HTML 1Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 2Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 3Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 4Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 5Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 6Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 7Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TSOP7000SW1
Document Number 82221
Rev. 1.1, 01-Mar-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Output Function
Figure 2. Output Fucntion (mit Jitter)
Figure 3. Output Pulse Diagram (tdon, tpo)
Ee
VQ
VQH
VQL
Optical Test Signal (f=455kHz, 10 cycles/burst)
Output Signal of TSOP7000
tpi =22 ∝s
t
tdon
tpo
tf
16792
2.2
∝s
tr
50%
90%
10%
tpo =tpi ı 15 ∝s
> 48.6
∝s
(min. duty cycle)
t
Ee
VO
VOH
VOL
t
Optical Test Signal
(IR diode TSHF5400, p 870 nm, IF = 300 mA, f = 455 kHz, 10 cycles/burst)
Output Signal of TSOP7000
jtdon
tdon
tpo
jitter of leading edge
jitter of output pulse width
jtpo
16755
tpi =22 ∝s
t
0
5
10
15
20
25
30
35
0.1
1.0
10.0 100.0 1000.010000.0
100000.0
Ee – Irradiance (mW/m2)
16790
Output pulse width – tpo
Delay time – tdon
1
10
100
1000 10000 100000
N = 10 cycles/burst
Figure 4. Jitter of Output Pulse
Figure 5. Frequency Dependence of Responsivity
Figure 6. Sensitivity in Bright Ambient
0
5
10
15
20
25
30
0.1
1.0
10.0
100.0 1000.010000.0
100000.0
Ee – Irradiance (mW/m2)
16791
N=10 cycles/burst
Jitter – tdon
Jitter – tpo
1
10
100
1000 10000 100000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
300
350
400
450
500
550
600
f – Frequency ( kHz )
16751
0
2
4
6
8
10
12
14
0.01
0.10
1.00
10.00
100.00
E – DC Irradiance (W/m2)
16786
Correlation with ambient light sources
(Disturbanceeffect): 10 W/m2 = 1.4 klx
(Stand.illum.A,T = 2855 K)
10 W/m2 = 10 klx
(Daylight,T = 5900 K)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com