Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP7000SW1 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # TSOP7000SW1
Description  IR Receiver for High Data Rate PCM at 455 kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP7000SW1 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  TSOP7000SW1 Datasheet HTML 1Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 2Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 3Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 4Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 5Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 6Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 7Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSOP7000SW1
Document Number 82221
Rev. 1.1, 01-Mar-05
Vishay Semiconductors
www.vishay.com
1
1
2
3
18301
IR Receiver for High Data Rate PCM at 455 kHz
Description
The TSOP7000SW1 is a miniaturized receiver for
infrared remote control and IR data transmission. PIN
diode and preamplifier are assembled on lead frame,
the epoxy package is designed as IR filter.
The demodulated output signal can directly be
decoded by a microprocessor. The main benefit is the
operation with high data rates and long distances.
Features
• Photo detector and preamplifier in one
package
• Internal Bandfilter for PCM frequency
• Internal shielding against electrical field
disturbance
• TTL and CMOS compatibility
• Output active low
• Small size package
Special Features
• Data rate 20 kbit/s
• Supply voltage 2.7 - 5.5 V
• Short settling time after power on
• High envelope duty cycle can be received
• Enhanced immunity against disturbance
from energy saving lamps
Block Diagram
Application Circuit
10 k
Ω
2
3
1
VS
OUT
Demo-
GND
Pass
AGC
Input
PIN
Band
dulator
Control Circuit
16841
C1 =
4.7 µF
TSOPxxxx
OUT
GND
µC
R1 =47 Ω
+VS
GND
Transmitter
with
TSHFxxxx
VS
R1 +C1 recommended to suppress power supply
disturbances.
VO
R2 >=
1k
Ω
R2 optional for improved pulse forming.
16843
e3


Similar Part No. - TSOP7000SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP7000 VISHAY-TSOP7000 Datasheet
1Mb / 7P
IR Receiver for High Data Rate PCM at 455kHz
13-Mar-01
More results

Similar Description - TSOP7000SW1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP7000 VISHAY-TSOP7000 Datasheet
1Mb / 7P
IR Receiver for High Data Rate PCM at 455kHz
13-Mar-01
logo
ATMEL Corporation
U2538B ATMEL-U2538B Datasheet
173Kb / 9P
IR RECEIVER FOR DATA COMMUNICATION
logo
Vishay Siliconix
TSOP5700 VISHAY-TSOP5700 Datasheet
758Kb / 19P
IR Receiver for High Data Rate PCM at 455 kHz
14-Aug-03
logo
ATMEL Corporation
U2538B ATMEL-U2538B_05 Datasheet
201Kb / 9P
IR Receiver for Data Communication
logo
Oscilent Corporation
664-455-18 OSCILENT-664-455-18 Datasheet
132Kb / 2P
455 KHz Discriminator
665-455-24 OSCILENT-665-455-24 Datasheet
124Kb / 1P
455 KHz Discriminator
logo
Vishay Siliconix
TSDP341 VISHAY-TSDP341 Datasheet
134Kb / 7P
IR Receiver Modules for Data Transmission
22-Aug-14
logo
Balluff Korea Ltd.
BIS000C BALLUFF-BIS000C Datasheet
104Kb / 2P
LF (70/455 kHz)
logo
Vishay Siliconix
TSDP343 VISHAY-TSDP343_V01 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
TSDP341 VISHAY-TSDP341_V02 Datasheet
202Kb / 7P
IR Receiver Modules for Data Transmission
02-Aug-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com