Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP7000SW1 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part # TSOP7000SW1
Description  IR Receiver for High Data Rate PCM at 455 kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP7000SW1 Datasheet(HTML) 4 Page - Vaishali Semiconductor

  TSOP7000SW1 Datasheet HTML 1Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 2Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 3Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 4Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 5Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 6Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 7Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 82221
Rev. 1.1, 01-Mar-05
TSOP7000SW1
Vishay Semiconductors
Figure 7. Sensitivity vs. Supply Voltage
Figure 8. Rel. Sensitivity vs. Burstlength
Figure 9. Supply Current vs. Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VS – Supply Voltage ( V )
16787
Sensitivity in dark ambient
0.5
0.6
0.7
0.8
0.9
1.0
1.1
N -Burstlength ( carriercycles/burst )
16788
26
22
18
14
28
24
20
16
12
10
8
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
5 1525354555657585
Tamb - Ambient Temperature ( °C)
16754
VS =5.5 V
VS =2.7 V
-5
-15
-25
Figure 10. Relative Spectral Sensitivity vs. Wavelength
Figure 11. Directivity
0.0
0.2
0.4
0.6
0.8
1.0
1.2
750 800 850 900 950 1000 1050 1100 1150
λ - Wavelength ( nm )
16789
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–90–75–60–45–30–15 0 15 30 45 60 75 90
Angle (deg)
96 12223



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com