Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOP7000SW1 Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part # TSOP7000SW1
Description  IR Receiver for High Data Rate PCM at 455 kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

TSOP7000SW1 Datasheet(HTML) 5 Page - Vaishali Semiconductor

  TSOP7000SW1 Datasheet HTML 1Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 2Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 3Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 4Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 5Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 6Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 7Page - Vaishali Semiconductor TSOP7000SW1 Datasheet HTML 8Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSOP7000SW1
Document Number 82221
Rev. 1.1, 01-Mar-05
Vishay Semiconductors
www.vishay.com
5
Recommendation for Suitable Data For-
mats
The circuit of the TSOP7000SW1 is designed in that
way that disturbance signals are identified and unwa-
ted output pulses due to noise or disturbances are
avoided. A bandpass filter, an automatic gain control
and an integrator stage is used to suppress such dis-
turbances. The distinguishing marks between data
signal and disturbance are carrier frequency, burst
length and the envelope duty cycle.
The data signal should fullfill the following conditions:
• The carrier frequency should be close to 455 kHz.
• The burstlength should be at least 22
µs (10 cycles
of the carrier signal) and shorter than 500
µs.
• The separation time between two consecutive
bursts should be at least 26
µs.
• If the data bursts are longer than 500
µs then the
envelope duty cycle is limited to 25 %
• The duty cycle of the carrier signal (455 kHz) may be
between 50 % (1.1
µs pulses) and 10 % (0.2 µs
pulses). The lower duty cycle may help to save bat-
tery power.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com