Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1821 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1821
Download  SSD1821 Download
File Size   518.18 Kbytes
Page   43 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1821 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1821 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1821
Download  SSD1821 Click to download

File Size   518.18 Kbytes
Page   43 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1821 Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1821 Product details

[Solomon Systech Limited.]

LCD Segment / Common Driver with Controller
CMOS

SSD1820A/21 is a single-chip CMOS LCD driver with controller for a liquid crystal dot-matrix graphic display system. SSD1820A consists of 194 high voltage driving output pins for driving 128 Segments, 64 Commons and 2 icon driving Commons, while SSD1821 consists of 210 high voltage driving output pins for driving 128 Segments, 80 Commons and 2 icon driving Commons.
SSD1820A/21 displays data directly from its internal 128x65/128X81 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through a hardware selectable 6800-/8080-series compatible Parallel Interface or 3/4 wires Serial Peripheral Interface.
SSD1820A/21 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-Chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and die/package layout, SSD1820A/21 is suitable for any portable battery-driven applications requiring a long operation period and a compact size.

• 128 x 64/80 Graphic Display with a Icon Line
• Programmable Multiplex ratio [16Mux - 65Mux/81Mux] (Partial Display)
• Single Supply Operation, 1.8 V - 3.3V
• Low Current Sleep Mode(<1.0uA)
• On-Chip Voltage Generator / External Power Supply
• Software selectable 2X / 3X / 4X / 5X / 6X On-Chip DC-DC Converter
• On-Chip Oscillator
• Software Selectable On-Chip Bias Dividers
• Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 and 1/10 bias ratio
• Maximum +15.0V LCD Driving Output Voltage
• Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface
• On-Chip 128 x 65/81 Graphic Display Data RAM
• Re-mapping of Row and Column Drivers
• Vertical Scrolling
• Display Offset Control
• 64 Levels Internal Contrast Control
• External Contrast Control
• Maximum 17MHz SPI or 15MHz PPI operation
• Selectable LCD Driving Voltage Temperature Coefficients (2 settings)
• Available in Gold Bump Die and Standard TAB (Tape Automated Bonding) Package




Similar Part No. - SSD1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1828Z ETC-SSD1828Z Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
More results


Similar Description - SSD1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com