Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSD1821 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Copyright © 2002/2003
Solomon Systech Limited.
REV 1.4
01/03
This document contains information on a new product. Specifications and information herein are subject to change without notice.
SSD1820A
SSD1821
ORDERING INFORMATION
SSD1820AZ
Gold Bump Die
SSD1821Z
Gold Bump Die
SSD1820ATR1
TAB
SSD1821TR1
TAB
Gold Bump Die
TAB
SOLOMON SYSTECH
SEMICONDUCTOR TECHNICAL DATA
Advance Information
LCD Segment / Common Driver
with Controller
CMOS
SSD1820A/21 is a single-chip CMOS LCD driver with controller for a liquid crystal
dot-matrix graphic display system. SSD1820A consists of 194 high voltage driving out-
put pins for driving 128 Segments, 64 Commons and 2 icon driving Commons, while
SSD1821 consists of 210 high voltage driving output pins for driving 128 Segments,
80 Commons and 2 icon driving Commons.
SSD1820A/21 displays data directly from its internal 128x65/128X81 bits Graphic
Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through
a hardware selectable 6800-/8080-series compatible Parallel Interface or 3/4 wires
Serial Peripheral Interface.
SSD1820A/21 embeds a DC-DC Converter, a LCD Voltage Regulator, an On-
Chip Bias Divider and an On-Chip Oscillator which reduce the number of external
components. With the special design on minimizing power consumption and die/pack-
age layout, SSD1820A/21 is suitable for any portable battery-driven applications re-
quiring a long operation period and a compact size.
•
128 x 64/80 Graphic Display with a Icon Line
•
Programmable Multiplex ratio [16Mux - 65Mux/81Mux] (Partial Display)
•
Single Supply Operation, 1.8 V - 3.3V
•
Low Current Sleep Mode(<1.0uA)
•
On-Chip Voltage Generator / External Power Supply
•
Software selectable 2X / 3X / 4X / 5X / 6X On-Chip DC-DC Converter
•
On-Chip Oscillator
•
Software Selectable On-Chip Bias Dividers
•
Programmable 1/4, 1/5, 1/6, 1/7, 1/8, 1/9 and 1/10 bias ratio
•
Maximum +15.0V LCD Driving Output Voltage
•
Hardware pin selectable for 8-bit 6800-series Parallel Interface, 8-bit 8080-series Par-
allel Interface, 3-wire Serial Peripheral Interface or 4-wire Serial Peripheral Interface
•
On-Chip 128 x 65/81 Graphic Display Data RAM
•
Re-mapping of Row and Column Drivers
•
Vertical Scrolling
•
Display Offset Control
•
64 Levels Internal Contrast Control
•
External Contrast Control
•
Maximum 17MHz SPI or 15MHz PPI operation
•
Selectable LCD Driving Voltage Temperature Coefficients (2 settings)
•
Available in Gold Bump Die and Standard TAB (Tape Automated Bonding) Package


Similar Part No. - SSD1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1828Z ETC-SSD1828Z Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
More results

Similar Description - SSD1821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com