Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
SSD1820A/21
32
REV 1.4
01/03
SOLOMON
TABLE 5b. Serial Timing Characteristics (TA=-40 to 85°C, VDD=1.8V, VSS=0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
70
-
-
ns
tAS
Address Setup Time
15
-
-
ns
tAH
Address Hold Time
10
-
-
ns
tCSS
Chip Select Setup Time
15
-
-
ns
tCSH
Chip Select Hold Time
10
-
-
ns
tDSW
Write Data Setup Time
15
-
-
ns
tDHW
Write Data Hold Time
15
-
-
ns
tCLKL
Clock Low Time
15
-
-
ns
tCLKH
Clock High Time
30
-
-
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Figure 3b. Serial Timing Characteristics (PS0 = L)
Valid Data
tcycle
tDSW
tAS
tAH
SCK
D/C
SDA
CS
tDHW
tCLKL
tCLKH
tF
tR
tCSS
tCSH
(Required if PS1 = H)
D7
D6
D5
D4
D3
D2
D1
D0
SCK
SDA
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com