Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
SSD1820A/21
22
REV 1.4
01/03
SOLOMON
Command Description
Set Display On/Off
This command turns the display on/off, by the value of the
LSB.
Set Display Start Line
This command is to set Display Start Line register to deter-
mine starting address of display RAM to be displayed by select-
ing a value from 0 to 63/79. With value equals to 0, D0 of Page 0
is mapped to COM0. With value equals to 1, D1 of Page0 is
mapped to COM0. The display start line values of 0 to 63/79 are
assigned to Page 0 to 7/9.
Set Page Address
This command positions the page address to 0 to 8/10 possi-
ble positions in GDDRAM. Refer to figure 5/6.
Set Higher Column Address
This command specifies the higher nibble of the 7-bit column
address of the display data RAM. The column address will be
incremented by each data access after it is pre-set by the MCU
and returning to 0 once overflow (>127).
Set Lower Column Address
This command specifies the lower nibble of the 7-bit column
address of the display data RAM. The column address will be
incremented by each data access after it is pre-set by the MCU
and returning to 0 once overflow (>127).
Set Segment Re-map
This commands changes the mapping between the display
data column address and segment driver. It allows flexibility in
layout during LCD module assembly. Refer to figure 5/6.
Set Normal/Reverse Display
This command sets the display to be either normal/reverse.
In normal display, a RAM data of 1 indicates an “ON” pixel while
in reverse display, a RAM data of 0 indicates an “ON” pixel. The
icon line is not affected by this command.
Set Entire Display On/Off
This command forces the entire display, including the icon
row, to be “ON” regardless of the contents of the display data
RAM. This command has priority over normal/reverse dis-
play.
To executed this command, Set Display On command
must be sent in advance.
Set LCD Bias
This command selects a suitable bias ratio (1/4 to 1/9 or
1/10) required for driving the particular LCD panel in use. The
POR default for SSD1820A is set to 1/9 bias; and 1/10 bias
for SSD1821.
Software Reset
This command causes some of the internal status of the
chip to be initialized:
1. Page address is set to 0
2. Column address is set to 0
3. Initial Display Line is set to 0 (point to display RAM page
0, D0)
4. Internal Resistor Ratio register is set to (0,0,0)
5. Software Contrast is set to 32
Set COM Output Scan Direction
This command sets the scan direction of the COM output
allowing layout flexibility in LCD module assembly.
Set Power Control Register
This command turns on/off the various power circuits asso-
ciated with the chip.
Set Internal Regulator Resistors Ratio
This command is to enable any one of the eight internal resis-
tor (IRS) settings for different regulator gains when using
internal regulator resistor network (INTRS pin pulled high).
When external resistors are used, INTRS must be connected
to VSS. The Contrast Control Voltage Range curves is given
in the figure below:
0.0
16.0
8.0
4.0
12.0
10.0
6.0
14.0
2.0
0
63
31
15
47
7
23
39
55
IRS
Setting
111
110
101
100
011
010
001
000
Contrast Control Setting
Default TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com