Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1821 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SSD1821 Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
SOLOMON
SSD1820A/21
35
REV 1.4
01/03
Application Circuit: DC-DC Converter Circuit Configuration
VSS
+
VCC
3x Converter
C5P
C3P
C1P
C2P
C1N
+
+
C2N
C4P
VSS
+
VCC
4x Converter
C5P
C3P
C1P
C2P
C1N
+
+
+
C2N
C4P
*Note: Capacitor value = 1.0uF to 4.7uF
VSS
+
VCC
5x Converter
C5P
C3P
C1P
C2P
C1N
+
+
+
C2N
C4P
+
VSS
+
VCC
6x Converter
C5P
C3P
C1P
C2P
C1N
+
+
+
C2N
C4P
+
+
VSS
+
VCC
2x Converter
C5P
C3P
C1P
C2P
C1N
C2N
C4P
+
SSD1820A and SSD1821 IC work from 2X to 5X and 2X to 6X DC-DC converter respectively. For the capactior connections,
please refer to below circuit diagrams. Note that if the capacitor connection does not match with the software setting of DC-DC
Converter Factor (0x64~0x67), abnormal current consumption will be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com